Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8564A Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EM8564A
Description  HV Start-up Green-mode PWM Convertor with Brown-Out Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8564A Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EM8564A Datasheet HTML 1Page - Excelliance MOS Corp. EM8564A Datasheet HTML 2Page - Excelliance MOS Corp. EM8564A Datasheet HTML 3Page - Excelliance MOS Corp. EM8564A Datasheet HTML 4Page - Excelliance MOS Corp. EM8564A Datasheet HTML 5Page - Excelliance MOS Corp. EM8564A Datasheet HTML 6Page - Excelliance MOS Corp. EM8564A Datasheet HTML 7Page - Excelliance MOS Corp. EM8564A Datasheet HTML 8Page - Excelliance MOS Corp. EM8564A Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2013/05/16
A.1
1
EM8564A
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
General Description
EM8564A is a high performance, low cost, HV
Start-up, current mode PWM controller with green
mode power saving. The EM8564A integrates
functions of Soft Start (SS), Under Voltage Lockout
(UVLO), Leading Edge Blanking (LEB), internal Over
Temperature Protection (OTP), and internal slope
compensation. The EM8564A also features more
protection like Over Load Protection (OLP) and
Over Voltage Protection (OVP) to prevent circuit
damage occurred under abnormal conditions. The
EM8564A also has line under-voltage protection
(Brown-out Protection).
Ordering Information
Part Number
Package
Remark
EM8564AS7
DIP-7
Features
650V High Voltage Start up Circuit
Current Mode Control
Soft Start Function
Built-in Slope Compensation
Internal Leading-edge Blanking
Brown in/out Protection
Over Voltage Protection (OVP) on VCC pin
Over Load Protection (OLP)
Cycle-by-cycle Current Limit
Feedback Open Protection
Internal Over Temperature Protection (OTP)
Constant Output Power Limit (Full AC Input
Range)
Excellent EMI performance
Applications
LCD Monitor Power Supply
Open-Frame SMPS
Typical Application Circuit 1
AC
INPUT
EMI
Filter
EM8564A
D
VCC
COMP
GND
BNO
CS
D
Typical application
DC
OUTPUT


Similar Part No. - EM8564A

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM8562 EXCELLIANCE-EM8562 Datasheet
310Kb / 12P
HV Start-up Green-mode PWM Converter with Brown-Out Protection
EM8562A EXCELLIANCE-EM8562A Datasheet
318Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8562AS7 EXCELLIANCE-EM8562AS7 Datasheet
318Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8562S7 EXCELLIANCE-EM8562S7 Datasheet
310Kb / 12P
HV Start-up Green-mode PWM Converter with Brown-Out Protection
EM8563A EXCELLIANCE-EM8563A Datasheet
317Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
More results

Similar Description - EM8564A

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM8557A EXCELLIANCE-EM8557A Datasheet
315Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8559A EXCELLIANCE-EM8559A Datasheet
301Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8562 EXCELLIANCE-EM8562 Datasheet
310Kb / 12P
HV Start-up Green-mode PWM Converter with Brown-Out Protection
EM8562A EXCELLIANCE-EM8562A Datasheet
318Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8563A EXCELLIANCE-EM8563A Datasheet
317Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8565A EXCELLIANCE-EM8565A Datasheet
317Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8569 EXCELLIANCE-EM8569 Datasheet
310Kb / 12P
HV Start-up Green-mode PWM Converter with Brown-Out Protection
EM8569A EXCELLIANCE-EM8569A Datasheet
318Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8635 EXCELLIANCE-EM8635 Datasheet
291Kb / 13P
Green mode PWM Flyback Controller with Brown-Out Protection
EM8671 EXCELLIANCE-EM8671 Datasheet
307Kb / 13P
HV Start-up Green-mode PWM Controller with Brown-Out Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com