Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8564A Datasheet(PDF) 10 Page - Excelliance MOS Corp.

Part # EM8564A
Description  HV Start-up Green-mode PWM Convertor with Brown-Out Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8564A Datasheet(HTML) 10 Page - Excelliance MOS Corp.

Back Button EM8564A Datasheet HTML 4Page - Excelliance MOS Corp. EM8564A Datasheet HTML 5Page - Excelliance MOS Corp. EM8564A Datasheet HTML 6Page - Excelliance MOS Corp. EM8564A Datasheet HTML 7Page - Excelliance MOS Corp. EM8564A Datasheet HTML 8Page - Excelliance MOS Corp. EM8564A Datasheet HTML 9Page - Excelliance MOS Corp. EM8564A Datasheet HTML 10Page - Excelliance MOS Corp. EM8564A Datasheet HTML 11Page - Excelliance MOS Corp. EM8564A Datasheet HTML 12Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2013/05/16
A.1
10
EM8564A
Soft Start
The EM8564A has an internal soft-start circuit that
increases cycle-by-cycle current limit comparator
inverting input voltage slowly after it starts. The
typical soft-start time is 3.5mS. The pulse width to
the power MOSFET is progressively increased to
establish
the correct
working conditions for
transformers, rectifier diodes and capacitors. The
voltage on the output capacitors is progressively
increased
with
the
intention
of
smoothly
establishing the required output voltage. It also
helps prevent transformer saturation and reduces
the stress on the secondary diode during startup.
Slope compensation
In the conventional application, the problem of the
stability is a critical issue for current mode
controlling, when it operates in high than 50% of
the duty cycle. The EM8564A built in saw-tooth
slope compensation. So it requires no extra
component.
Brown-In/Out Function
The EM8564A has a built-in internal brown-in/out
protection comparator monitoring voltage of BNO
pin. Fig. 16 shows a resistive divider with low-pass
filtering for line-voltage detection on the BNO pin.
Fig. 16
If the BNO pin voltage is lower than 2.3V, the PWM
gate is disabled to protect the system from over
current. If the BNO pin increases above 2.8V, the
EM8564A starts up.
If the BNO pin voltage is lower than 0.2V, the
Brown-in/out function is disabled to allow the
EM8564A to start up.
Deep Burst Mode Operation
At no load or light load condition, majority of the
power dissipation in switching power supply is
form switching loss on the power MOSFET, the
core loss of the transformer and the loss on the
snubber. The magnitude of power loss is in
proportion to the number of switching events
within a fixed period of time. Reducing switching
events leads reduction on the power loss and
conserves the energy.
The
EM8564A
adjusts
the
switching
mode
according to the load condition, the COMP pin
voltage drops below Deep Burst mode in-threshold
level (typical 1.3V). Device enters Deep Burst Mode
Control. The Gate drive output remains at off state
to minimize the switching loss and reduces the
standby power consumption. And when the COMP
pin voltage exceed the burst mode on threshold
level (typical 1.4V). The Gate drive output starts
active.
The
COMP
pin
voltage
immediately
increases if there is a high load. When the COMP
pin
voltage
exceed
the
Deep
Burst
mode
out-threshold level (typical 1.5V), the device goes
to normal mode. During the Deep Burst mode, the
CS level is controlled to 0.3V. Fig. 17 shows the
signals of Deep Burst mode.
time
VCC
COMP
Vcs
Burst
Deep Burst
0.3V
1.3V
1.4V
1.5V
Fig. 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com