Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8564A Datasheet(PDF) 11 Page - Excelliance MOS Corp.

Part # EM8564A
Description  HV Start-up Green-mode PWM Convertor with Brown-Out Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8564A Datasheet(HTML) 11 Page - Excelliance MOS Corp.

Back Button EM8564A Datasheet HTML 4Page - Excelliance MOS Corp. EM8564A Datasheet HTML 5Page - Excelliance MOS Corp. EM8564A Datasheet HTML 6Page - Excelliance MOS Corp. EM8564A Datasheet HTML 7Page - Excelliance MOS Corp. EM8564A Datasheet HTML 8Page - Excelliance MOS Corp. EM8564A Datasheet HTML 9Page - Excelliance MOS Corp. EM8564A Datasheet HTML 10Page - Excelliance MOS Corp. EM8564A Datasheet HTML 11Page - Excelliance MOS Corp. EM8564A Datasheet HTML 12Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2013/05/16
A.1
11
EM8564A
Protection
The EM8564A provides many protection functions
that intend to protect system from being damaged.
All the protection functions are listed as below:
Cycle-by-cycle current limit
The EM8564A has over-current
protection
thresholds. It is for cycle-by-cycle current limit,
which turns off MOSFET for the remainder of
the switching cycle when the sensing voltage of
MOSFET current reaches the threshold.
Over-load / Open-loop Protection (OLP)
When feedback loop is open, as shown in Fig. 18,
no current flows through the opto-coupler
transistor, the EM8564A pulls up the COMP pin
voltage to 5.2V.
When the COMP pin voltage is above 4.0V
longer than 56mS, OLP is triggered. This
protection is also triggered when the SMPS
output drops below the normal value longer
than 56mS due to the overload condition.
Fig. 18
Over Voltage Protection (OVP) on VCC
The
EM8564A
are
implemented
an
Over-Voltage-Protection
(OVP)
on
VCC.
Whenever the VCC voltage is high than the OVP
threshold voltage (29V), the output gate drive
will be shutdown to stop the switching of the
power MOSFET until the next UVLO (on).
The Over-Voltage-Protection on VCC function in
EM8564A is an auto-restart type protection. If
the OVP condition is not released, the VCC will
tripped the OVP level again and re-shutdown
the gate output. The VCC is working as a hiccup
mode as shown in Fig. 19. On the other hand, if
the OVP condition is removed, the VCC level will
go back to normal level and the output will
automatically return to the normal operation.
Fig. 19
Internal Over-Temperature Protection (OTP)
Internal 150
℃ comparator will provide over
temperature protection (OTP). OTP will not
shutdown system. It stops the system from
switching until the VCC is below the UVLO (off)
threshold voltage, the system will hiccup.
Gate out
VCC
t
t
UVLO(on)
UVLO(off)
OVP level
No Switch out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com