Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2221 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # 2N2221
Description  Ultra-Fast Transient Response LDO Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

2N2221 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  2N2221 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N2221 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N2220/2N2221/2N2222
300/600mA, Ultra-Fast Transient Response LDO Regulator
www.artschip.com
1
2N2220,2N2221,and 2N2222 are epitaxial NPN silicon planar transistors in TO 18 case (18 A 3 DIN 41876).
The collector is electrically connected to the case. The transistors are particularly suitable for use as
high-speed switches.
Type
Ordering code
2N2220
Q68000-A4573
2N2221
Q62702-F134
2N2222
Q62702-F135
Maximum ratings
2N2220
2N2221
2N2222
Collector-emitter Voltage
VCEO
30
V
Collector-base voltage
VCBO
60
V
Emitter-base voltage
VEBO
5
V
Collector current
Ic
0.8
A
Junction temperature
Tj
175
℃
Storage temperature range
Tstg
-65 to +200
℃
Total power dissipation (Tamb =25℃)
Ptot
0.5
W
Total Power dissipation (Tcase=25℃)
Ptot
1.8
W
Thermal resistance
Junction to ambient air
RthJA
≤300
K/W
Junction to case
RthJC
≤83
K/W


Similar Part No. - 2N2221

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2221 STMICROELECTRONICS-2N2221 Datasheet
71Kb / 5P
HIGH-SPEED SWITCHES
Jan-1989
logo
Siemens Semiconductor G...
2N2221 SIEMENS-2N2221 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
logo
Fairchild Semiconductor
2N2221 FAIRCHILD-2N2221 Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Seme LAB
2N2221 SEME-LAB-2N2221 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
logo
Central Semiconductor C...
2N2221 CENTRAL-2N2221 Datasheet
531Kb / 2P
NPN SILICON TRANSISTOR
More results

Similar Description - 2N2221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
600mA, Ultra-Fast Transient Response Linear Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
M.S. Kennedy Corporatio...
MSK5251-08 MSK-MSK5251-08 Datasheet
335Kb / 6P
Ultra-Fast Transient Response
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
Ultra-Fast Transient Response
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
Ultra-Fast Transient Response
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com