Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2360NSA Datasheet(PDF) 4 Page - Sinopower Semiconductor Inc

Part # SM2360NSA
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2360NSA Datasheet(HTML) 4 Page - Sinopower Semiconductor Inc

  SM2360NSA Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.sinopowersemi.com
4
SM2360NSA
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.2 - April, 2014
Typical Operating Characteristics
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Power Dissipation
Tj - Junction Temperature (°C)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
0
20
40
60
80 100 120 140 160
0.0
0.3
0.6
0.9
1.2
1.5
1.8
T
A=25
oC
1E-4
1E-3
0.01
0.1
1
10 30
0.01
0.1
1
2
Mounted on 1in
2 pad
R
qJA : 80
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
A=25
oC,V
G=10V
0.01
0.1
1
10
100
500
1E-3
0.01
0.1
1
10
50
300ms
1ms
1s
T
A=25
OC
10ms
100ms
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com