Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2360NSA Datasheet(PDF) 2 Page - Sinopower Semiconductor Inc

Part # SM2360NSA
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2360NSA Datasheet(HTML) 2 Page - Sinopower Semiconductor Inc

  SM2360NSA Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.sinopowersemi.com
2
SM2360NSA
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.2 - April, 2014
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
Common Ratings (TA=25°C Unless Otherwise Noted)
VDSS
Drain-Source Voltage
60
VGSS
Gate-Source Voltage
±20
V
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
IS
Diode Continuous Forward Current
TA=25°C
1.5
A
TA=25°C
2.7
ID
Continuous Drain Current
TA=70°C
2.2
A
IDM
a
Pulsed Drain Current
TA=25°C
11
A
TA=25°C
1.56
PD
Maximum Power Dissipation
TA=70°C
1
W
t
£ 10s
80
°C/W
RqJA
c
Thermal Resistance-Junction to Ambient
Steady State
125
°C/W
IAS
b
Avalanche Current, Single pulse (L=0.5mH)
5
A
EAS
b
Avalanche Energy, Single pulse (L=0.5mH)
6
mJ
Note a: Pulse width is limited by maximum junction temperature.
b: UIS tested and pulse width are limited by maximum junction temperature 150°C (initial temperature Tj=25°C ).
c: Surface Mounted on 1in
2 pad area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250mA
60
-
-
V
VDS=48V, VGS=0V
-
-
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
30
mA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250mA
1
2.3
3
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
VGS=10V, IDS=2.5A
-
87
104
m
W
RDS(ON)
d
Drain-Source On-state Resistance
VGS=4.5V, IDS=2A
100
130
m
W
Diode Characteristics
VSD
d
Diode Forward Voltage
ISD=1.5A, VGS=0V
-
0.8
1.3
V
trr
Reverse Recovery Time
-
17
-
ns
Qrr
Reverse Recovery Charge
ISD=1.5A, dlSD/dt=100A/ms
-
14
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com