Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2360NSA Datasheet(PDF) 1 Page - Sinopower Semiconductor Inc

Part # SM2360NSA
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2360NSA Datasheet(HTML) 1 Page - Sinopower Semiconductor Inc

  SM2360NSA Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2360NSA Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
N-Channel Enhancement Mode MOSFET
www.sinopowersemi.com
1
SM2360NSA
®
SINOPOWER reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.2 - April, 2014
Features
Applications
Pin Description
Ordering and Marking Information
Top View of SOT-23-3
N-Channel MOSFET
·
60V/2.7A ,
R
DS(ON)=104mW(max.) @ VGS=10V
R
DS(ON)=130mW(max.) @ VGS=4.5V
· Reliable and Rugged
· Lead Free and Green Devices Available
(RoHS Compliant)
G
S
D
D
G
S
Note : SINOPOWER lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS. SINOPOWER lead-free products meet or exceed the lead-
free requirements of IPC/JEDEC J-STD-020D for MSL classification at lead-free peak reflow temperature. SINOPOWER
defines “Green” to mean lead-free (RoHS compliant) and halogen free (Br or Cl does not exceed 900ppm by weight
in homogeneous material and total of Br and Cl does not exceed 1500ppm by weight).
· Power Management in DC/AC Inverer Systems.
SM2360NS
Handling Code
Temperature Range
Package Code
Package Code
A : SOT-23-3
Operating Junction Temperature Range
C : -55 to 150 oC
Handling Code
TR : Tape & Reel (3000ea/reel)
Assembly Material
G : Halogen and Lead Free Device
SM2360NS A:
A60XX
XX - Lot Code
Assembly Material


Similar Part No. - SM2360NSA

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SM2360NSA VBSEMI-SM2360NSA Datasheet
511Kb / 9P
N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SM2360NSA

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com