Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5553IPFPRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS5553IPFPRG4
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFPRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5553IPFPRG4 Datasheet HTML 4Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 5Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 6Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 7Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 8Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 9Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 10Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 11Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
8
PIN ASSIGNMENTS
TERMINAL
NO.
NAME
NO.
OF PINS
I/O
DESCRIPTION
AVDD
8, 9, 11,
13, 21, 26,
27, 73, 75,
80
10
I
Analog power supply
AGND
2, 5, 12,
16, 19, 22,
25, 74, 76,
79
10
I
Analog ground
CLKMA
4
1
I
Channel A differential input clock (negative)
CLKMB
18
1
I
Channel B differential input clock (negative)
CLKOUTA
53
1
O
Channel A clock out in sync with data
CLKOUTB
1
O
Channel B clock out in sync with data
CLKPA
3
1
I
Channel A differential input clock (positive)
CLKPB
17
1
I
Channel B differential input clock (positive)
CMA
1
1
O
Channel A common-mode output voltage
CMB
20
1
O
Channel B common-mode output voltage
D0A (LSB)−D13A (MSB)
54−56,
59−64,
67−71
14
O
Channel A parallel data
D0B (LSB)−D13B (MSB)
28−32,
35−40,
43−45
14
O
Channel B parallel data
DRVDD
34, 42,
49, 57, 65
4
I
Output driver power supply
DRGND
33, 41,
58, 66
4
I
Output driver ground
INMA
77
1
I
Channel A differential analog input (negative)
INMB
23
1
I
Channel B differential analog input (negative)
INPA
78
1
I
Channel A differential analog input (positive)
INPB
24
1
I
Channel B differential analog input (positive)
IREF
10
1
I
Current set, 56-kΩ resistor to GND
OEA
52
1
I
Channel A output enable (active high)
OEB
48
1
I
Channel B output enable (active high)
OVRA
72
1
O
Channel A over-range indicator bit
OVRB
46
1
O
Channel B over-range indicator bit
REFMA
6
1
I
Channel A reference voltage (negative); 0.1 µF to GND
REFMB
14
1
I
Channel B reference voltage (negative); 0.1 µF to GND
REFPA
7
1
I
Channel A reference voltage (positive); 0.1 µF to GND
REFPB
15
1
I
Channel B reference voltage (positive); 0.1 µF to GND
PDN
50
1
I
Power down active high. See Table 2
REFSEL
51
1
I
Reference select. 1 → EXT. REF; 0 → INT. REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com