Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5553IPFPRG4 Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS5553IPFPRG4
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFPRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5553IPFPRG4 Datasheet HTML 13Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 14Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 15Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 16Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 17Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 18Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 19Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 20Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
17
This differential input topology produces a high level of
ac performance for high sampling rates. It also results
in a high usable input bandwidth, especially important
for high intermediate-frequency (IF) or undersampling
applications. The ADS5553 requires each of the analog
inputs (INP, INM) to be externally biased around the
common-mode level of the internal circuitry (CM, pins
1 and 20). For a full-scale differential input, each of the
differential lines of the input signal swings symmetrically
between CM + 0.575 V and CM – 0.575 V. This means
that each input is driven with a signal of up to CM ±0.575
V, so that each input has a maximum differential signal
of 1.15 VPP for a total differential input signal swing of
2.3 VPP. The maximum swing is determined by the two
reference voltages, the top reference (REFPA, pin 7
and REFPB, pin 15) and the bottom reference (REFMA,
pin 6 and REFMB, pin 18).
The ADS5553 obtains optimum performance when the
analog inputs are driven differentially. The circuit shown
in Figure 29 shows one possible configuration using an
RF transformer.
0.1 µF
AC
Signal
Source
R0
50 Ω
10 Ω
INP
INM
CM
ADS5553
25 Ω
ADT1−1WT
1:1
Z0
50 Ω
100 nF
25 Ω
25 Ω
100 nF
25 Ω
Figure 29. Transformer Input to Convert
Single-Ended Signal to Differential Signal
The single-ended signal is fed to the primary winding of
an RF transformer. Since the input signal must be
biased around the common-mode voltage of the
internal circuitry, the common-mode voltage (VCM) from
the ADS5553 is connected to the center-tap of the
secondary winding. To ensure a steady low-noise VCM
reference, best performance is obtained when the CM
output (pins 1 and 20) is filtered to ground with a 10 Ω
series resistor and parallel 0.1 µF and 0.001 µF
low-inductance capacitors as shown in Figure 29.
Output VCM (pins 1 and 20) is designed to directly drive
the ADC input. When providing a custom CM level, be
aware that the input structure of the ADC sinks a
common-mode current in the order of 200 µA (100 µA
per input). Equation (1) describes the dependency of
the common-mode current and the sampling
frequency:
20)
400 mA
fs(in MSPS)
125MSPS
This equation helps to design the output capability and
impedance of the driving circuit accordingly.
When it is necessary to buffer or apply a gain to the
incoming analog signal, it is possible to combine
single-ended operational amplifiers with an RF
transformer, or to use a differential input/output
amplifier without a transformer, to drive the input of the
ADS5553. Texas Instruments offers a wide selection of
single-ended operational amplifiers (including the
THS3201, THS3202, OPA847, and OPA695) that can
be selected depending on the application. An RF gain
block amplifier, such as Texas Instruments THS9001,
can also be used with an RF transformer for high input
frequency
applications.
The
THS4503/6
are
recommended differential input/output amplifiers.
Table 1 lists the recommended amplifiers.
When using single-ended operational amplifiers (such
as the THS3201, THS3202, OPA847, or OPA695) to
provide gain, a three-amplifier circuit is recommended
with one amplifier driving the primary of an RF
transformer and one amplifier in each of the legs of the
secondary driving the two differential inputs of the
ADS5553. These three amplifier circuits minimize
even-order harmonics. For high frequency inputs, an
RF gain block amplifier can be used to drive a
transformer primary; in this case, the transformer
secondary connections can drive the input of the
ADS5553 directly, as shown in Figure 29 or with the
addition of the filter circuit shown in Figure 30.
Figure 30 illustrates how RIN and CIN can be placed to
isolate the signal source from the switching inputs of the
ADC and to implement a low-pass RC filter to limit the
input noise in the ADC. It is recommended that these
components be included in the ADS5553 circuit layout
when any of the amplifier circuits discussed previously
are used. The components allow fine-tuning of the
circuit performance. Any mismatch between the
differential lines of the ADS5553 input produces a
degradation in performance at high input frequencies,
mainly characterized by an increase in the even-order
harmonics. In this case, special care should be taken to
keep as much electrical symmetry as possible between
both inputs.
Another possible configuration for lower-frequency
signals is the use of differential input/output amplifiers
that can simplify the driver circuit for applications
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com