Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5553IPFPRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5553IPFPRG4
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFPRG4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5553IPFPRG4 Datasheet HTML 1Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 2Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 3Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 4Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 5Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 6Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 7Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 8Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
Dual 14 BIT, 65 MSPS
Analog-to-Digital Converter
FEATURES
D Dual ADC
D 14 Bit Resolution
D 65 MSPS Sample Rate
D High SNR = 74 dBFs at 70 MHz fIN
D High SFDR = 84 dBc at 70 MHz fIN
D 2.3 VPP Differential Input Voltage
D Internal / External Voltage Reference
D 3.3 V Single-Supply Voltage
D Analog Power Dissipation = 0.72 W
D Output Supply Power Dissipation = 0.17 W
D 80 Lead PowerPadE TQFP Package
D Two’s Complement Output Format
APPLICATIONS
D Communication Receivers
D Base Station Infrastructure
D Test and Measurement Instrumentation
DESCRIPTION
The ADS5553 is a high-performance, dual channel, 14 bit, 65 MSPS analog-to-digital converter (ADC). To provide
a complete solution, each channel includes a high-bandwidth linear sample-and-hold stage (S&H) and an internal
reference. Designed for applications demanding high dynamic performance in a small space, the ADS5553 has
excellent power consumption of 0.9 W at 3.3 V single-supply voltage. This allows an even higher system integration
density. The provided internal reference simplifies system design requirements, yet an external reference can be
used optionally to suit the accuracy and low drift requirements of the application. The outputs are parallel CMOS
compatible.
The ADS5553 is available in a 80 lead TQFP PowerPAD package and is specified over the full temperature range
of −40°C to 85°C.
.
.
.
ADS5553
Timing Circuitry
14-Bit
Pipeline
ADC Core
Digital
Error
Correction
Output
Control
AVDD
DRVDD
AGND
DRGND
CLK+
CLK−
VIN+
VIN−
S&H
D0
D13
.
.
.
14-Bit
Pipeline
ADC Core
Digital
Error
Correction
Output
Control
VIN+
VIN−
S&H
D0
D13
Internal Reference
VREFP
Internal Reference
Timing Circuitry
CLK+
CLK−
VREFM
VREFP
VREFM
CommsADC is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright  2005, Texas Instruments Incorporated


Similar Part No. - ADS5553IPFPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5553IPFPR TI2-ADS5553IPFPR Datasheet
697Kb / 27P
Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
FEBRUARY 2005
More results

Similar Description - ADS5553IPFPRG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9251 AD-AD9251 Datasheet
1Mb / 36P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
AFE7071 TI1-AFE7071 Datasheet
412Kb / 32P
Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7071 TI1-AFE7071_13 Datasheet
1Mb / 36P
Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
Dual 14-bit 500 MSPS Digital to Analog Converter
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
AFE7070 TI-AFE7070_15 Datasheet
1Mb / 44P
Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
Dual 14-bit 500 MSPS Digital to Analog Converter
AFE7070 TI1-AFE7070_16 Datasheet
1Mb / 44P
Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com