Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFK Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SFK
Description  Miniature High Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SFK Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SFK Datasheet HTML 1Page - Sanyou Corporation Limited SFK Datasheet HTML 2Page - Sanyou Corporation Limited SFK Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
Nominal
operating
current
10% (
)
mA
Coil
resistance
10% ( Ω)
Max
.
allowable
voltage
Pick up
-
voltage
(
.)
Max
Drop out
-
voltage
(
.)
Min
Nominal
operating
power
Nominal
voltage
(
)
VDC
50
.
m
Max
Ω
10
.
.
msec Max
1,000
.(
500 )
M
Min DC
V
Ω
AC
V
Hz
1,000 ,50/60
1
.
min
AC
V
Hz
4,500 ,50/60
1
.
min
Silver alloy
Between open contacts:
Between coil and contact:
-40℃~+85℃ (
)
no condensation
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(
7,200
./ )
at
ops h
(
360
./ )
at
ops h
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz at double amplitude of
mm
10
.
G Min
100
.
G Min
10,000,000
standard type
cycles
:100,000
Contact material
Initial contact resistance at VDC A
(
6
1 )
Operate time at nominal volt
(
. )
Release time at nominal volt
(
. )
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(
)
operations
Ambient temperature
Unit weight
Model
Nominal switching capacity res load
(
.
)
Max switching current
.
Max switching voltage
.
Max switching power
.
Contact Capacity
Characteristic Data
Standard Coil Data
20
.
.
msec Max
SFK
25 /20
250
A
A
VAC
25A
277VAC
6,250VA
Approx
g
. 22.0
SFK-Series
UL
C UL File No
E
, -
.: 190598
VDE File No.:40007481
TUV File No.:
CQC File No
CQC
.:
02001002131
5
6
9
12
18
24
180.00
150.00
100.00
75.00
50.00
37.50
27.80
40.00
90.00
160.00
360.00
640.00
130 % of
nominal
voltage
75 % of
nominal
voltage
5 % of
nominal
voltage
Approx
.
0.90W
Features
Safety Approval
●
●
●
●
(25
Miniature relay with high switching capability
A DE Certified),
especiallysuitable for Motor and compressor control
Both quick connect and PCB terminal types available
especialy suitable for motor and compressor control
V
SANYOU RELAYS
Relays for advanced technology
Miniature High
Power Relay
H Mark AC
V
Hz min
:
2,500 ,50/60
1
.
H Mark
A
VAC
: 22
250
H Mark
cycles
version V2.0
:30,000
Satisfice IEC
product is available
60335-1
Satisfice IEC
product is available
60079-15
R50138321
(at 20℃)
●


Similar Part No. - SFK

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SFK-105DMP-B SANYOU-SFK-105DMP-B Datasheet
74Kb / 3P
Miniature High Power Relay
SFK-105DMP-F SANYOU-SFK-105DMP-F Datasheet
74Kb / 3P
Miniature High Power Relay
SFK-106DMP-B SANYOU-SFK-106DMP-B Datasheet
74Kb / 3P
Miniature High Power Relay
SFK-106DMP-F SANYOU-SFK-106DMP-F Datasheet
74Kb / 3P
Miniature High Power Relay
SFK-109DMP-B SANYOU-SFK-109DMP-B Datasheet
74Kb / 3P
Miniature High Power Relay
More results

Similar Description - SFK

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF68F HONGFA-HF68F Datasheet
63Kb / 3P
MINIATURE HIGH POWER RELAY
HF102F HONGFA-HF102F Datasheet
66Kb / 3P
MINIATURE HIGH POWER RELAY
HF105F-4 HONGFA-HF105F-4 Datasheet
77Kb / 4P
MINIATURE HIGH POWER RELAY
HF115F-Q HONGFA-HF115F-Q Datasheet
65Kb / 3P
MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2 Datasheet
80Kb / 4P
MINIATURE HIGH POWER RELAY
HF116F-3 HONGFA-HF116F-3 Datasheet
81Kb / 4P
MINIATURE HIGH POWER RELAY
HF2160 HONGFA-HF2160 Datasheet
135Kb / 4P
MINIATURE HIGH POWER RELAY
HF118FI HONGFA-HF118FI Datasheet
93Kb / 5P
MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1 Datasheet
80Kb / 4P
MINIATURE HIGH POWER RELAY
HF115FK HONGFA-HF115FK Datasheet
64Kb / 3P
MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com