Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFK Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SFK
Description  Miniature High Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SFK Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SFK Datasheet HTML 1Page - Sanyou Corporation Limited SFK Datasheet HTML 2Page - Sanyou Corporation Limited SFK Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
SFK
100
50
10
5
1
0.5
0.1
AC Res.
250VAC
Inductive
(
Φ=0.4)
cos
10
50
100
300
1000
1
250
.
VAC Res
250VAC Inductive
(
Φ=0.4)
cos
12
12
(
)
top view
20
200
Wiring Diagram
(
)
bottom view
P C B Layout bottom view
. . .
(
)
Wiring Diagram bottom view
(
)
Typical Applications
Characteristic Curves
●
●
Motor, compressor control, e. g.: air conditioner.
.
Home appliances and industrial electrical equipment
Contact Voltage V
( )
Max Switching Power
.
Contact Current A
( )
Endurance Curve
20
25
Standard
type
PCB type
Disclaimer:
'
.
.
This datasheet is the customers reference All the specification are subject to change without notice
.
We could not evaluate all the performance and all the parameters for every possible application Thus the
user should in a right position to choose the suitable product for their own application If there is any query
.
,
please contact Sanyou for the technical service However it is the user s responsibility to determine which
.
'
product should be used only.
100
50
10
25
0
500
2 4
6 8
10 12 14 16 18
20 22 24 26
Sanyou Corporation Limited ,All rights of Sanyou to reserved



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com