Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFK Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SFK
Description  Miniature High Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SFK Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SFK Datasheet HTML 1Page - Sanyou Corporation Limited SFK Datasheet HTML 2Page - Sanyou Corporation Limited SFK Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
Insulation System:
Nil- Standard, B- Class B, F- Class F
Contact material: Nil-AgSnO2, 1-AgNi, 2-AgNi and AgSnO2
Terminal Type:
Nil- Standard, P- PCB
Contact Form:
M- Form A
Coil Power
D
W
: -0.90
Coil Voltage VDC
(
):05, 06, 09, 12, 18, 24
Number of Poles
Pole
:1-1
Type Designation
SFK
:
Special Parameter:
Nil- Standard type,
E- step type contact letters
or Numbers Special reqirements
-
SFK
SFK - 1 12
D
M
P
1
-
- F - H -XX
CQC02001002131
R50138321
40007481
25
250
A
VAC
22
250
A
VAC
20
250
A
VAC
16
277
A
VAC
Making
A
80
For
ms
300
Cosφ=0.7,
Breaking
A
20 ,
Cosφ= 0.9,
250VAC
22
250
A
VAC
25
250
A
VAC
22
250
A
VAC
20
250
A
VAC
CQC
TUV
UL CUL
/
E190598
VDE
Approval
File No.
Approved ratings
Safety Approval Ratings
(Note:More detail of approval ratings,please refer to the safety certification)
Ordering Information
Nomenclature
Outline Dimensions, Wiring Diagram, P. C.
unit:
mm)
Board Layout (
Unless otherwise specified:
If dimension
mm tolerance
mm
<1
,
: 0.2
;
If dimension
mm tolerance
mm
1~5
,
: 0.3
;
If dimension
mm tolerance
mm
>5
,
: 0.4
.
Note
Extended terminal dimension is dimension before soldering
:1.
.
2.
. . .
: 0.1
.
Tolerance of P C B layout
mm
Nominal
operating
current
10% (
)
mA
Coil
resistance
10% ( Ω)
Max
.
allowable
voltage
Pick up
-
voltage
(
.)
Max
Drop out
-
voltage
(
.)
Min
Nominal
operating
power
Nominal
voltage
(
)
VDC
Coil Data of Mark H
5
6
9
12
18
24
280.00
233.33
155.56
116.67
77.78
58.33
18.00
26.00
58.00
103.00
232.00
412.00
130 % of
nominal
voltage
75 % of
nominal
voltage
5 % of
nominal
voltage
Approx
.
1.40W
Parameter Mark
Nil Standard H GAP
MM
:
-
,
-
>1.8
,
25 277
,
&
A
VAC Resistive General use
25 250
,
&
A
VAC Resistive General use
25 120
,
&
A
VAC Resistive General use
22 250
,
&
A
VAC
General use
Resistive
20 250
,
&
A
VAC Resistive General use
20 120
,
&
A
VAC Resistive General use
1
120
;2
240
HP
VAC HP
VAC
TV-10 120VAC
(at 20℃)
Coil Power 1.40W, OP/OP: 2500VAC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com