Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635E/SSQTP Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC12F635E/SSQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635E/SSQTP Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC12F635E/SSQTP Datasheet HTML 61Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 62Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 63Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 64Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 65Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 66Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 67Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 68Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 63
PIC12F635/PIC16F636/639
7.3
Comparator Configuration
There are eight modes of operation for the comparators.
The CMCON0 register is used to select these modes.
Figure 7-3 and Figure 7-4 show the eight possible
modes. The TRISA and TRISC registers control the data
direction of the comparator output pins for each mode. If
the Comparator mode is changed, the comparator
output level may not be valid for the specified mode
change delay shown in Section 15.0 “Electrical
Specifications”.
FIGURE 7-3:
COMPARATOR I/O OPERATING MODES FOR PIC12F635
Note:
Comparator interrupts should be disabled
during
a
Comparator
mode
change.
Otherwise, a false interrupt may occur.
Comparator Reset (POR Default Value – Low Power)
Comparator Off (Lowest Power)(1)
CM<2:0> = 000
CM<2:0> = 111
Comparator without Output
Comparator w/o Output and with Internal Reference
CM<2:0> = 010
CM<2:0> = 100
Comparator with Output and Internal Reference
Multiplexed Input with Internal Reference and Output
CM<2:0> = 011
CM<2:0> = 101
Comparator with Output
Multiplexed Input with Internal Reference
CM<2:0> = 001
CM<2:0> = 110
Legend: A = Analog Input, ports always read ‘0’
CIS = Comparator Input Switch (CMCON0<3>)
D = Digital Input
Note 1:
Lowest power statement assures valid digital stats on GPO, GP1 and GP2.
GP1/CIN-
GP0/CIN+
Off (Read as ‘0’)
A
A
GP2/C1OUT D
GP1/CIN-
GP0/CIN+
Off (Read as ‘0’)
D
D
GP2/C1OUT D
GP1/CIN-
GP0/CIN+
C1OUT
A
A
GP2/C1OUT D
GP1/CIN-
GP0/CIN+
C1OUT
A
D
GP2/C1OUT D
From CVREF Module
GP1/CIN-
GP0/CIN+
C1OUT
A
D
GP2/C1OUT D
From CVREF Module
GP1/CIN-
GP0/CIN+
C1OUT
A
A
GP2/C1OUT D
From CVREF Module
CIS = 0
CIS = 1
GP1/CIN-
GP0/CIN+
C1OUT
A
A
GP2/C1OUT D
GP1/CIN-
GP0/CIN+
C1OUT
A
A
GP2/C1OUT D
From CVREF Module
CIS = 0
CIS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com