Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635E/SSQTP Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC12F635E/SSQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635E/SSQTP Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC12F635E/SSQTP Datasheet HTML 90Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 91Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 92Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 93Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 94Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 95Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 96Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 97Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 92
Preliminary
© 2005 Microchip Technology Inc.
11.26 Factory Calibration
Microchip calibrates the AFE to reduce the device-to-
device variation in standby current, internal timing and
sensitivity, as well as channel-to-channel sensitivity
variation.
11.27 De-Q’ing of Antenna Circuit
When the transponder is close to the base station, the
transponder coil may develop coil voltage higher than
VDE_Q. This condition is called “near field”. The AFE
detects the strong near field signal through the AGC
control, and de-Q’ing the antenna circuit to reduce the
input signal amplitude.
11.28 Battery Back-up and Batteryless
Operation
The device supports both battery back-up and
batteryless operation by the addition of external
components, allowing the device to be partially or
completely powered from the field.
Figure 11-8 shows an example of the external circuit for
the battery back-up.
FIGURE 11-8:
LF FIELD POWERING AND BATTERY BACK-UP EXAMPLE
Note:
Voltage on LCCOM combined with coil input
voltage must not exceed the maximum LC
input voltage.
LCX
LCY
LCZ
VBAT
DBLOCK
CPOOL
DFLAT1
RLIM
LCCOM
CCOM
Air Coil
DFLAT2
CZ
CY
CX
VDD
RCOM
DLIM
LX
LY
LZ
Legend:
CCOM = LCCOM charging capacitor.
CPOOL = Pool capacitor (or battery back-up capacitor), charges in field and powers device.
DBLOCK = Battery protection from reverse charge.
Schottky for low forward bias drop.
DFLAT = Field rectifier diodes.
DLIM = Voltage limiting diode, may be required to limit VDD voltage when in strong fields.
RCOM = Ccom discharge path.
RLIM = Current limiting resistor, required for air coil in strong fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com