Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635E/SSQTP Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC12F635E/SSQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635E/SSQTP Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC12F635E/SSQTP Datasheet HTML 92Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 93Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 94Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 95Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 96Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 97Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 98Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 99Page - Microchip Technology PIC12F635E/SSQTP Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 94
Preliminary
© 2005 Microchip Technology Inc.
Case I. When Output Enable Filter is disabled: Demodulated output is available immediately after the AGC stabilization
time (TAGC). Figure 11-10 shows an example of demodulated output when the Output Enable Filter is disabled.
FIGURE 11-10:
INPUT SIGNAL AND DEMODULATOR OUTPUT WHEN THE OUTPUT ENABLE
FILTER IS DISABLED
Case II. When Output Enable Filter is enabled: Demodulated output is available only if the incoming signal meets the
enable filter timing criteria that is defined in the Configuration Register 0 (Register 11-1). If the criteria is met, the output
is available after the low timing (TOEL) of the Enable Filter. Figure 11-11 and Figure 11-12 shows examples of
demodulated output when the Output Enable Filter is enabled.
FIGURE 11-11:
INPUT SIGNAL AND DEMODULATOR OUTPUT (WHEN OUTPUT ENABLE
FILTER IS ENABLED AND INPUT MEETS FILTER TIMING REQUIREMENTS)
Input Signal
LFDATA Output
Input Signal
LFDATA Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com