Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB39P06CS Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMB39P06CS
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transisto
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB39P06CS Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMB39P06CS Datasheet HTML 1Page - Excelliance MOS Corp. EMB39P06CS Datasheet HTML 2Page - Excelliance MOS Corp. EMB39P06CS Datasheet HTML 3Page - Excelliance MOS Corp. EMB39P06CS Datasheet HTML 4Page - Excelliance MOS Corp. EMB39P06CS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2013/5/21 
p.4 
EMB39P06CS
‐ 5.0V
‐V   ‐ Drain‐Source Voltage( V )
36
0
0
12
24
DS
12
‐ 6.0V
V    = ‐ 10.0V
‐ 7.0V
48
60
GS
34
5
‐ 4.5V
On‐Region Characteristics
‐ 8.0V
On‐Resistance Variation with Drain Current and Gate Voltage
‐ I   ‐ Drain Current( A )
1.3
0.7
0
1
12
D
24
GS
V    = ‐ 4.5 V
1.6
‐ 5.0 V
‐ 7.0 V
36
48
‐ 8.0 V
‐ 10.0 V
60
‐ 6.0 V
1.9
On‐Resistance Variation with Temperature
T   ‐ Junction Temperature (°C)
‐50
0.4
0.7
1.0
0
J
‐25
25
D
I   = ‐20 A
V     = ‐ 10V
1.3
1.6
1.9
GS
125
50
75
100
150
On‐Resistance Variation with Gate‐Source Voltage
T   = 25°C
T   = 125°C
‐ V   ‐ Gate‐Source Voltage( V )
6
0
2
0.05
GS
4
A
0.10
0.15
0.20
8
A
10
I   = ‐ 10 A
D
A
T   = ‐55°C
‐V   ‐ Gate‐Source Voltage( V )
1.5
10
0
30
GS
2.5
V   = ‐ 10V
50
20
40
60
DS
3.5
4.5
5.5
25°C
125°C
Transfer Characteristics
Body Diode Forward Voltage Variation
with Source Current and Temperature
25°C
‐V   ‐ Body Diode Forward Voltage( V )
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V    = 0V
1
10
100
GS
A
T   = 125°C
1.0
0.8
1.2
‐55°C
1.4
 
TYPICAL CHARACTERISTICS 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com