Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB39P06CS Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EMB39P06CS
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transisto
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB39P06CS Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EMB39P06CS Datasheet HTML 1Page - Excelliance MOS Corp. EMB39P06CS Datasheet HTML 2Page - Excelliance MOS Corp. EMB39P06CS Datasheet HTML 3Page - Excelliance MOS Corp. EMB39P06CS Datasheet HTML 4Page - Excelliance MOS Corp. EMB39P06CS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
2013/5/21
P‐Channel L
Product S
BVDSS 
RDSON (MA
ID 
 
UIS, Rg 10
Pb‐Free L
 
ABSOLUTE 
Gate‐Sour
Continuou
Pulsed Dra
Avalanche
Avalanche
Repetitive
Power Dis
Operating J
 
 
 
THERMAL R
Junction‐t
Junction‐t
1Pulse widt
2Duty cycle 
1 
Logic Level En
Summary: 
AX.)
 
00% Tested 
ead Plating 
MAXIMUM R
PARAM
rce Voltage 
us Drain Curre
ain Current
1 
e Current 
e Energy 
e Avalanche En
sipation 
unction & Sto
RESISTANCE R
THERMAL R
to‐Case 
to‐Ambient 
h limited by m
≤ 1% 
nhancement M
‐60V 
41mΩ 
‐26A 
& Halogen 
RATINGS (TC = 
METERS/TEST 
ent 
nergy
2 
orage Tempera
RATINGS 
RESISTANCE 
maximum junc
Mode Field Ef
Free 
25 °C Unless 
CONDITIONS
T
T
L = 0.1mH, ID
L = 0.05mH
TC = 25 °C
TC = 100 °C
ature Range
ction tempera
G
ffect Transisto
Otherwise No
S 
TC = 25 °C 
TC = 100 °C 
D=‐20A, RG=25
H 
SYMBOL 
RθJC 
RθJA 
ature. 
 
S
D
or
 
oted) 
SYM
V
ID
I
5Ω 
E
E
P
Tj, 
TYPIC
MBOL 
VGS 
ID 
DM 
AS 
EAS 
EAR 
PD 
Tstg 
CAL 
LIMITS
±20 
‐26 
‐18 
‐60 
‐20 
20 
10 
50 
20 
‐55 to 15
MAXIMUM 
2.5 
50 
p.1
EMB39
S 
50 
UN
°C / 
P06CS
UNIT 
V 
A 
mJ 
W 
°C 
IT 
W 


Similar Part No. - EMB39P06CS

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB39P06A EXCELLIANCE-EMB39P06A Datasheet
197Kb / 6P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMB39P06CS

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB07P03CS EXCELLIANCE-EMB07P03CS Datasheet
214Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB20P03G EXCELLIANCE-EMB20P03G Datasheet
186Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMDA0P10F EXCELLIANCE-EMDA0P10F Datasheet
204Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF02P02H EXCELLIANCE-EMF02P02H Datasheet
212Kb / 6P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF09P02A EXCELLIANCE-EMF09P02A Datasheet
208Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF20B02V EXCELLIANCE-EMF20B02V Datasheet
179Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02JS EXCELLIANCE-EMFA0P02JS Datasheet
200Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02M EXCELLIANCE-EMFA0P02M Datasheet
197Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02VAT EXCELLIANCE-EMFA0P02VAT Datasheet
183Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMZB08P03G EXCELLIANCE-EMZB08P03G Datasheet
192Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com