Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB39P06CS Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EMB39P06CS
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transisto
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB39P06CS Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EMB39P06CS Datasheet HTML 1Page - Excelliance MOS Corp. EMB39P06CS Datasheet HTML 2Page - Excelliance MOS Corp. EMB39P06CS Datasheet HTML 3Page - Excelliance MOS Corp. EMB39P06CS Datasheet HTML 4Page - Excelliance MOS Corp. EMB39P06CS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
2013/5/21 
p.5 
EMB39P06CS
Effective Transient Thermal Impedance
0.05
Single Pulse
0.00001
0.1
0.01
0.02
0.001
0.0001
Duty Cycle = 0.5
0.2
0.1
1
Notes:
4.R     (t)=r(t) * R
3.T  ‐  T   = P * R    (t)
2.R     =2.5°C/W
1.Duty Cycle,D =
t2
t1
0.01
0.1
θ
JC
J
θ
JC
PDM
1
θ
JC
C
θ
JC
t1
t2
t  , Pulse Width(s)
0.01
1
V     = ‐ 15V
Q   ‐ Gate Charge( nC )
0
0
2
4
15
g
D
I   = ‐ 20A
6
8
10
30
45
60
‐ 30V
DS
Gate Charge Characteristics
‐ V   , Drain‐Source Voltage( V )
0
0
800
1600
DS
15
Crss
Coss
2400
3200
4000
Ciss
30
45
60
GS
f = 1 MHz
V   = 0 V
Capacitance Characteristics
t  ,Time (sec)
20
0.001
10
0
0.1
0.01
1
30
40
50
10
1
100
Single Pulse
R    = 2.5°C/W
T  = 25°C
C
θJC
Single Pulse Maximum Power Dissipation
DC
‐V    ‐ Drain‐Source Voltage( V )
Maximum Safe Operating Area
  V   = ‐10V
Single Pulse
R     = 2.5°C/W
  T   = 25°C
DS
1
θJC
C
GS
10
80
10s
10
100μs
10ms
100ms
1s
1ms
100
0
1
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com