Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C49 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM80C49
Description  CMOS 8-Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C49 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM80C49 Datasheet HTML 3Page - OKI electronic componets MSM80C49 Datasheet HTML 4Page - OKI electronic componets MSM80C49 Datasheet HTML 5Page - OKI electronic componets MSM80C49 Datasheet HTML 6Page - OKI electronic componets MSM80C49 Datasheet HTML 7Page - OKI electronic componets MSM80C49 Datasheet HTML 8Page - OKI electronic componets MSM80C49 Datasheet HTML 9Page - OKI electronic componets MSM80C49 Datasheet HTML 10Page - OKI electronic componets MSM80C49 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
¡ Semiconductor
MSM80C48/49/50, MSM80C35/39/40
MSM80C48/49/50 guaranteed operating range
1.5MHz
6MHz
11MHz
Guaranteed Operating Range
MSM80C40/80C50
6
45
3
2
1
10
100
Ta=–40 to +85°C
(msec)
Supply Voltage (VCC)
(V)
MSM80C35/80C48/80C39/80C49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com