Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C49 Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM80C49
Description  CMOS 8-Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C49 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM80C49 Datasheet HTML 10Page - OKI electronic componets MSM80C49 Datasheet HTML 11Page - OKI electronic componets MSM80C49 Datasheet HTML 12Page - OKI electronic componets MSM80C49 Datasheet HTML 13Page - OKI electronic componets MSM80C49 Datasheet HTML 14Page - OKI electronic componets MSM80C49 Datasheet HTML 15Page - OKI electronic componets MSM80C49 Datasheet HTML 16Page - OKI electronic componets MSM80C49 Datasheet HTML 17Page - OKI electronic componets MSM80C49 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14/20
¡ Semiconductor
MSM80C48/49/50, MSM80C35/39/40
FUNCTIONAL DESCRIPTION
Added Functions of MSM80C48, MSM80C49 and MSM80C50
The MSM80C48, MSM80C49 and MSM80C50 are basically incorporated with the capabilities of
Intel's 8048, 8049, and 8050 plus the following new functions:
1.
Power-Down Mode Enhancements
1.1 Power-down by software
(1) Clock (See item 4, "Power-down mode", for details.)
a.
Crystal oscillator halt (HLTS instruction)
Power requirements can be minimized.
b.
Clock supply halt (HALT instruction)
Restart is accomplished without oscillator wait.
(2) I/O ports
I/O port floating instructions
Power consumption resulting from inputs/outputs can be minimized with FLT and FLTT
instructions.
Port floating is cancelled by executing FRES instruction, "0" level at INT pin or "0" level at
RESET pin.
(3) Six types of power-down can be done by a combination of HLTS/HALT and FLT/FLTT
instructions.
1.2 Power-down by hardware (See 4.3, Power-down mode by VDD pin utilization for
details.)
Crystal oscillators can be halted by controlling the VDD pin, thereby floating all I/O ports
for minimum power consumption.
2.
Additional Instructions (11)
HLTS
MOV A, P2
HALT
MOVP1, @ R3
FLT
MOVP1 P, @R3
FLTT
DEC @Rr
FRES
DJNZ @ Rr, addr
MOV A, P1
3.
Improved Uses of BUS P0-7, P10-7, P20-7, and SS pins
3.1 BUS P0-7
The MSM80C48, MSM80C49, and MSM80C50 remove the limitation on the use of OUTL
BUS, A instructions during the external ROM access mode by having an independent data
latch and external ROM mode address latch in BUS P0-7.
Consequently, there is no need to relocate bus port instructions when in the external ROM
access mode.
3.2 P10-7 and P20-7
The MSM80C48, MSM80C49 and MSM 80C50 are designed to minimize power consumption
when P10-7 and P20-7 are used as input/output ports, to maximize the performance of
CMOS.
When these ports are used as output ports, the acceleration circuit is actuated only when



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com