Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C49 Datasheet(PDF) 16 Page - OKI electronic componets

Part # MSM80C49
Description  CMOS 8-Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C49 Datasheet(HTML) 16 Page - OKI electronic componets

Back Button MSM80C49 Datasheet HTML 12Page - OKI electronic componets MSM80C49 Datasheet HTML 13Page - OKI electronic componets MSM80C49 Datasheet HTML 14Page - OKI electronic componets MSM80C49 Datasheet HTML 15Page - OKI electronic componets MSM80C49 Datasheet HTML 16Page - OKI electronic componets MSM80C49 Datasheet HTML 17Page - OKI electronic componets MSM80C49 Datasheet HTML 18Page - OKI electronic componets MSM80C49 Datasheet HTML 19Page - OKI electronic componets MSM80C49 Datasheet HTML 20Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16/20
¡ Semiconductor
MSM80C48/49/50, MSM80C35/39/40
Details of IC pin status as a result of executing the FLT instruction are shown in the above table.
(4) FLTT (floating of all output pins)
Instruction code :
Description :
Details of IC pin status as a result of executing the FLTT instruction are shown in above
Table.
Example 1 : Power-down mode accomplished by stopping oscillation.
m
Can be set by execution of HLTS [82H] instruction.
Example 2 : Power-down mode accomplished by stopping the clock supply to the CPU
control circuit.
m
Can be set by execution of HALT [01H] instruction.
Example 3 : Power-down mode by floating of P10-7, P20-7 and BP0-7, and subsequent
stopping of CPU oscillation.
m
Can be set by first executing the FLT [A2H] instruction, followed by the
HLTS [82H] instruction.
Example 4 : Power-down mode by floating P10-7, P20-7 and BP0-7, and then stopping the
clock supply to the CPU control circuit.
m
Can be set by first executing the FLT [A2H] instruction, and then the HALT
[01H] instruction.
Example 5 : Power-down mode by floating all output pins, followed by stopping oscillation.
m
Can be set by first executing the FLTT [C2H] instruction followed by
execution of the HLTS [82H] instruction.
Example 6 : Power-down mode by floating all output pins, followed by stopping of the
clock supply to the CPU control circuit.
m
Can be set by first executing the FLTT [C2H] instruction, followed by
execution of the HALT [01H] instruction. Connect the pull-up resistor or
pull-down resistor to port pin and fix the output port pin level to either 1or
0 when output port is set to floating.
11000010
ALE
P2
XTAL
Internal ROM mode
Floating
Floating
Operation
External ROM mode
Operation
P20-3 operation
Operation
PSEN
Floating
Operation
PROG
Floating
Floating
WR
Floating
Floating
PD
Floating
Floating
T0 OUT
Floating
Floating
P1
Floating
Floating
BP
Floating
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com