Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB50P03JS Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EMB50P03JS
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB50P03JS Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EMB50P03JS Datasheet HTML 1Page - Excelliance MOS Corp. EMB50P03JS Datasheet HTML 2Page - Excelliance MOS Corp. EMB50P03JS Datasheet HTML 3Page - Excelliance MOS Corp. EMB50P03JS Datasheet HTML 4Page - Excelliance MOS Corp. EMB50P03JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
 
2015/10/29 
p.3 
EMB50P03JS
T ‐Junction Temperature( C )
On‐Resistance Variation with Temperature
0.6
‐50
0.8
1.0
0
‐25
25
I   = ‐4A
V   = ‐10V
1.2
1.4
1.6
GS
D
75
50
°
100
150
125
‐V   ,Gate‐Source Voltage( V )
Transfer Characteristics
1
0
3
6
GS
2
DS
V   = ‐10V 
9
12
15
3
4
5
25 C
°
T   = ‐55 C
A
125 C
°
°
°
25 C
with Source Current and Temperature
Body Diode Forward Voltage Variation
‐V   ‐ Body Diode Forward Voltage( V )
0.1
0.0001
0
0.001
0.01
0.4
0.2
SD
0.6
V   =0V 
1
10
SD
100
 T  = 125  C
A
°
1.2
0.8
1.0
‐55 C
°
1.4
T   = 25  C
with Gate‐Source Voltage
‐V   ‐ Gate‐Source Voltage( V )
On‐Resistance Variation
0
2
0.04
4
GS
A
0.08
0.12
0.16
6
8
°
10
 I  = ‐3A 
T   = 125  C
A
°
D
Drain Current and Gate Voltage
‐I  ‐ Drain Current( A ) 
On‐Resistance Variation with
0.8
0
1.2
1.0
1.4
3
D
6
V   = ‐4.5V
2.2
1.8
1.6
2.0
2.4
GS
‐7.0V
912
‐8.0V
‐10V
15
‐6.0V
‐7.0V
‐V   Drain‐Source Voltage( V )
On‐Region Characteristics
3
6
0
0
1
DS
15
9
12
V    = ‐10V
GS
‐8.0V
4
2
3
‐4.5V
‐6.0V
 
TYPICAL CHARACTERISTICS 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com