Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB50P03JS Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMB50P03JS
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB50P03JS Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMB50P03JS Datasheet HTML 1Page - Excelliance MOS Corp. EMB50P03JS Datasheet HTML 2Page - Excelliance MOS Corp. EMB50P03JS Datasheet HTML 3Page - Excelliance MOS Corp. EMB50P03JS Datasheet HTML 4Page - Excelliance MOS Corp. EMB50P03JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2015/10/29 
p.4 
EMB50P03JS
‐V   ,Drain‐Source Voltage( V )
Maximum Safe Operation Area
R    = 100 C/W
JA
T  = 25 C
SINGLE PULSE
GS
V   = ‐10V
0.01
0.1
A
0.1
θ
°
DS
1
°
DS(ON)
R       LIMIT
1
10
100
10
DC
50
10ms
10s
1s
100ms
μ
100   s
1ms
Single Pulse Time( SEC )
Single Pulse Maximum Power Dissipation
0.01
5
0
10
0.1
1
25
15
20
30
300
100
10
T  = 25 C
R    = 100 C/W
SINGLE PULSE
JA
A
θ
°
°
t1 , Time( ms ) 
0.1
Transient Thermal Response Curve
0.01
0.02
0.001
0.0001
0.01
0.001
0.01
SINGLE PULSE
0.05
0.1
0.2
D=0.5
0.1
1
*
R    (t)= r(t) R
A
Duty Cycle,D= t1  / t2
T ‐ T  = P  R     (t)
t2
R     = 100 C/W
110
t1
P(pk)
θ
θ
JA
JA
1000
100
JA
*
θ
JA
°
θ
j
Capacitance Characteristics
‐V    Drain‐Source Voltage( V )
0
0
300
150
450
DS
5
10
1050
750
600
900
1200
25
15
20
Crss
Coss
30
Ciss
V   = 0V
GS
f = 1MHZ
Q   ,Gate Charge( nC )
Gate Charge Characteristics
0
0
2
4
2
g
4
I   = ‐4A
6
8
D
10
10
8
6
12
‐15V
‐10V
V    = ‐5V
DS
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com