Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB50P03JS Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EMB50P03JS
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB50P03JS Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EMB50P03JS Datasheet HTML 1Page - Excelliance MOS Corp. EMB50P03JS Datasheet HTML 2Page - Excelliance MOS Corp. EMB50P03JS Datasheet HTML 3Page - Excelliance MOS Corp. EMB50P03JS Datasheet HTML 4Page - Excelliance MOS Corp. EMB50P03JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
2015/10/29 
p.1 
EMB50P03JS
G
S
D
P‐Channel Logic Level Enhancement Mode Field Effect Transistor
 
Product Summary: 
BVDSS ‐30V 
RDSON (MAX.) 
50mΩ 
ID ‐4.5A 
 
 
Pb‐Free Lead Plating & Halogen Free 
 
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted) 
PARAMETERS/TEST CONDITIONS 
SYMBOL 
LIMITS 
UNIT 
Gate‐Source Voltage 
VGS 
±20 
V 
Continuous Drain Current 
TA = 25 °C 
ID 
‐4.5 
A 
TA = 70 °C ‐3.5 
Pulsed Drain Current
1 
IDM ‐18 
Power Dissipation 
TA = 25 °C 
PD 
1.04 
W 
TA = 70 °C 
0.66 
Operating Junction & Storage Temperature Range 
Tj, Tstg ‐55 to 150 
°C 
 
 
 
THERMAL RESISTANCE RATINGS 
THERMAL RESISTANCE 
SYMBOL 
TYPICAL 
MAXIMUM 
UNIT 
Junction‐to‐Ambient
3 
RJA (T ≤ 10sec)
 
83 
°C / W 
RJA (Steady State)
 
120 
1Pulse width limited by maximum junction temperature. 
2Duty cycle  1% 
3The device mounted on a 1 in2 pad of 2 oz copper. 
 
 
 


Similar Part No. - EMB50P03JS

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB50P03J EXCELLIANCE-EMB50P03J Datasheet
198Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMB50P03JS

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB07P03CS EXCELLIANCE-EMB07P03CS Datasheet
214Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB20P03G EXCELLIANCE-EMB20P03G Datasheet
186Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMDA0P10F EXCELLIANCE-EMDA0P10F Datasheet
204Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF02P02H EXCELLIANCE-EMF02P02H Datasheet
212Kb / 6P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF09P02A EXCELLIANCE-EMF09P02A Datasheet
208Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF20B02V EXCELLIANCE-EMF20B02V Datasheet
179Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02JS EXCELLIANCE-EMFA0P02JS Datasheet
200Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02M EXCELLIANCE-EMFA0P02M Datasheet
197Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02VAT EXCELLIANCE-EMFA0P02VAT Datasheet
183Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMZB08P03G EXCELLIANCE-EMZB08P03G Datasheet
192Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com