Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1990CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1990CS8
Description  250V Input Range G = 1, 10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1990CS8 Datasheet HTML 3Page - Linear Technology LT1990CS8 Datasheet HTML 4Page - Linear Technology LT1990CS8 Datasheet HTML 5Page - Linear Technology LT1990CS8 Datasheet HTML 6Page - Linear Technology LT1990CS8 Datasheet HTML 7Page - Linear Technology LT1990CS8 Datasheet HTML 8Page - Linear Technology LT1990CS8 Datasheet HTML 9Page - Linear Technology LT1990CS8 Datasheet HTML 10Page - Linear Technology LT1990CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1990
7
1990f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆G
Gain Error
VOUT = ±10V
LT1990, G = 1
●
0.67
%
LT1990A, G = 1
●
0.35
%
G = 10
●
0.9
%
GNL
Gain Nonlinearity
VOUT = ±10V
G = 1
●
0.003
%
G = 10
●
0.03
%
G/T
Gain vs Temperature
G = 1 (Note 10)
●
2
10
ppm/°C
G = 10 (Note 10)
●
7
20
ppm/°C
VCM
Input Voltage Range
Guaranteed by CMRR
●
–250
250
V
CMRR
Common Mode Rejection Ratio, RTI
VCM = –250V to 250V
LT1990
●
58
dB
LT1990A
●
67
dB
VOS
Input Offset Voltage, RTI
G = 1, 10
●
6.7
mV
VOS/T
Input Offset Voltage Drift, RTI
(Note 10)
●
522
µV/°C
VOSH
Input Offset Voltage Hysteresis, RTI
(Note 11)
●
250
µV
PSRR
Power Supply Rejection Ratio, RTI
VS = ±1.35V to ±18V
●
78
dB
Minimum Supply Voltage
Guaranteed by PSRR
●
±1.35
V
IS
Supply Current
280
µA
VOUT
Output Voltage Swing
●
±14.3
V
ISC
Output Short-Circuit Current
Short to V–
●
3mA
Short to V+
●
10
mA
SR
Slew Rate
G = 1, VOUT = ±10V
●
0.2
V/µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: ESD (Electrostatic Discharge) sensitive device. Extensive use of
ESD protection devices are used internal to the LT1990, however, high
electrostatic discharge can damage or degrade the device. Use proper ESD
handling precautions.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 4: The LT1990C/LT1990I are guaranteed functional over the
operating temperature range of – 40°C to 85°C.
Note 5: The LT1990C is guaranteed to meet the specified performance
from 0°C to70°C and is designed, characterized and expected to meet
specified performance from –40°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1990I is guaranteed to meet
specified performance from –40°C to 85°C.
Note 6: G = 10 limits are guaranteed by correlation to G = 1 tests and gain
error tests at G = 10.
Note 7: Limits are guaranteed by correlation to –5V to 80V CMRR tests.
Note 8: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±15V tests.
Note 9: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±15V tests.
Note 10: This parameter is not 100% tested.
Note 11: Hysteresis in offset voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Offset voltage hysteresis is always measured at 25°C, but the
IC is cycled to 85°C I-grade (or 70°C C-grade) or –40°C I-grade (0°C
C-grade) before successive measurement.
±15V ELECTRICAL CHARACTERISTICS
The
● denotes the specifications which apply over the temperature range of –40°C ≤ TA ≤ 85°C. VS = ±15V, RL = 10k, VCM = VREF = 0V,
G = 1, 10, unless otherwise noted. (Notes 4, 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com