Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1990CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1990CS8
Description  250V Input Range G = 1, 10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1990CS8 Datasheet HTML 1Page - Linear Technology LT1990CS8 Datasheet HTML 2Page - Linear Technology LT1990CS8 Datasheet HTML 3Page - Linear Technology LT1990CS8 Datasheet HTML 4Page - Linear Technology LT1990CS8 Datasheet HTML 5Page - Linear Technology LT1990CS8 Datasheet HTML 6Page - Linear Technology LT1990CS8 Datasheet HTML 7Page - Linear Technology LT1990CS8 Datasheet HTML 8Page - Linear Technology LT1990CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1990
5
1990f
3V/5V ELECTRICAL CHARACTERISTICS
The
● denotes the specifications which apply over the temperature range of –40°C ≤ TA ≤ 85°C. VS = 3V, 0V; VS = 5V, 0V;
RL = 10k, VCM = VREF = half supply, G = 1, 10, unless otherwise noted. (Notes 4, 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Supply Voltage
Guaranteed by PSRR
●
2.7
V
IS
Supply Current
(Note 8)
●
170
µA
VOL
Output Voltage Swing LOW
–IN = V+, +IN = Half Supply (Note 8)
●
70
mV
VOH
Output Voltage Swing HIGH
–IN = 0V, +IN = Half Supply
VS = 3V, 0V, Below V+
●
200
mV
VS = 5V, 0V, Below V
+
●
225
mV
ISC
Output Short-Circuit Current
Short to GND (Note 9)
●
2mA
Short to V+ (Note 9)
●
8mA
±15V ELECTRICAL CHARACTERISTICS
VS = ±15V, RL = 10k, VCM = VREF = 0V, G = 1, 10, TA = 25°C, unless otherwise noted. (Note 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
G
Gain
Pins 5 and 8 = Open
1
Pins 5 and 8 = VREF
10
∆G
Gain Error
VOUT = ±10V
LT1990, G = 1
0.4
0.6
%
LT1990A, G = 1
0.07
0.28
%
G = 10
0.2
0.8
%
GNL
Gain Nonlinearity
VOUT = ±10V
G = 1
0.0008
0.002
%
G = 10
0.005
0.02
%
VCM
Input Voltage Range
Guaranteed by CMRR
–250
250
V
CMRR
Common Mode Rejection Ratio, RTI
VCM = –250V to 250V
LT1990
60
68
dB
LT1990A
70
75
dB
VOS
Offset Voltage, RTI
G = 1, 10
0.9
5.2
mV
en
Input Noise Voltage, RTI
fO = 0.1Hz to 10Hz
22
µVP-P
Noise Voltage Density, RTI
fO = 1kHz
1
µV/√Hz
RIN
Input Resistance
Differential
2
MΩ
Common Mode
0.5
MΩ
PSRR
Power Supply Rejection Ratio, RTI
VS = ±1.35V to ±18V
82
100
dB
Minimum Supply Voltage
Guaranteed by PSRR
±1.2
±1.35
V
IS
Supply Current
140
180
µA
VOUT
Output Voltage Swing
±14.5
±14.79
V
ISC
Output Short-Circuit Current
Short to V–
69
mA
Short to V+
15
22
mA
BW
Bandwidth
G = 1
105
kHz
G = 10
7
kHz
SR
Slew Rate
G = 1, VOUT = ±10V
0.3
0.55
V/µs
Settling Time to 0.01%
10V Step, G = 1
60
µs
AVREF
Reference Gain to Output
1 ± 0.0007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com