Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1990CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1990CS8
Description  250V Input Range G = 1, 10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1990CS8 Datasheet HTML 2Page - Linear Technology LT1990CS8 Datasheet HTML 3Page - Linear Technology LT1990CS8 Datasheet HTML 4Page - Linear Technology LT1990CS8 Datasheet HTML 5Page - Linear Technology LT1990CS8 Datasheet HTML 6Page - Linear Technology LT1990CS8 Datasheet HTML 7Page - Linear Technology LT1990CS8 Datasheet HTML 8Page - Linear Technology LT1990CS8 Datasheet HTML 9Page - Linear Technology LT1990CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1990
6
1990f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆G
Gain Error
VOUT = ±10V
LT1990, G = 1
●
0.65
%
LT1990A, G = 1
●
0.33
%
G = 10
●
0.9
%
GNL
Gain Nonlinearity
VOUT = ±10V
G = 1
●
0.0025
%
G = 10
●
0.025
%
G/T
Gain vs Temperature
G = 1 (Note 10)
●
2
10
ppm/°C
G = 10 (Note 10)
●
7
20
ppm/°C
VCM
Input Voltage Range
Guaranteed by CMRR
●
–250
250
V
CMRR
Common Mode Rejection Ratio, RTI
VCM = –250V to 250V
LT1990
●
59
dB
LT1990A
●
68
dB
VOS
Input Offset Voltage, RTI
G = 1, 10
●
6.2
mV
VOS/T
Input Offset Voltage Drift, RTI
(Note 10)
●
522
µV/°C
VOSH
Input Offset Voltage Hysteresis, RTI
(Note 11)
●
250
µV
PSRR
Power Supply Rejection Ratio, RTI
VS = ±1.35V to ±16V
80
dB
Minimum Supply Voltage
Guaranteed by PSRR
●
±1.35
V
IS
Supply Current
●
230
µA
VOUT
Output Voltage Swing
●
±14.4
V
ISC
Output Short-Circuit Current
Short to V–
●
5mA
Short to V+
●
13
mA
SR
Slew Rate
G = 1, VOUT = ±10V
●
0.25
V/µs
±15V ELECTRICAL CHARACTERISTICS
The
● denotes the specifications which apply over the temperature range of 0°C ≤ TA ≤ 70°C. VS = ±15V, RL = 10k, VCM = VREF = 0V,
G = 1, 10, unless otherwise noted. (Notes 4, 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com