Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT560 Datasheet(PDF) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT560
Description  2*30W I2S Input Stereo Class D Amplifiera
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT560 Datasheet(HTML) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT560 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT560 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT560 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT560 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT560 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HT560
I2S Input Stereo Class D Amplifier
Copyright©2018, Jiaxing Heroic Technology Co., Ltd
-4-
7/2018 – V1.0
ORDERING INFORMATION
H
T
5
6
0
XX
Part Number
Package Type
Marking
Operating
Temperature Range
MOQ/Shipping
Package
HT560SQ
QFN36-PP
HT560SQ
UVWXYZ *1
-25
℃~85℃
Tape and Reel
3000PCS
*1:WXYZ/UVWXYZ is production track code.
Package type



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com