Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT560 Datasheet(PDF) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT560
Description  2*30W I2S Input Stereo Class D Amplifiera
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT560 Datasheet(HTML) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT560 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT560 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT560 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT560 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT560 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HT560
I2S Input Stereo Class D Amplifier
Copyright©2018, Jiaxing Heroic Technology Co., Ltd
-2-
7/2018 – V1.0
TERMINAL CONFIGURATION
EP
DVDD
1
\FAULT
\SD
FREQ/SDA
PBTL/SCL
GAIN0
GAIN1
SLEEP/ADR
MCLK
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
36 35 34 33
BSTRPB+
BSTRPB-
BSTRPA-
BSTRPA+
OUTB+
OUTB-
OUTA+
OUTA-
PGND
Top View
TERMINAL FUNCTION
Terminal
No.
Name
I/O*1
Description
1
\FAULT
O
Speaker amplifier fault terminal, which is pulled LOW when an internal
fault occurs
2
\SD
I
Places the speaker amplifier in shutdown mode while pulled down.
3
FREQ/SDA
I
Dual function pin that functions as an I²C data input pin in I²C Control Mode
or as a Frequency Select terminal when in Hardware Control Mode.
4
PBTL/SCL
I
Dual function pin that functions as an I²C clock input terminal in I²C Control
Mode or configures the device to operate in pre-filter Parallel Bridge Tied
Load (PBTL) mode when in Hardware Control Mode.
5
DVDD
P
Power supply for the internal digital circuitry
6
GAIN0
I
Adjusts the LSB of the multi-bit gain of the speaker amplifier
7
GAIN1
I
Adjusts the MSB of the multi-bit gain of the speaker amplifier
8
SLLEP/ADR
I
In Hardware Control Mode, places the speaker amplifier in sleep mode. In
I2C Control Mode, is used to determine the I²C Address of the device
9
MCLK
I
Master Clock used for internal clock tree, sub-circuit/state machine, and
Serial Audio Port clocking
10
SCLK
I
Bit clock for the digital signal that is active on the serial data port's input
data line
11
SDIN
I
Data line to the serial data port



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com