Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT560 Datasheet(PDF) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT560
Description  2*30W I2S Input Stereo Class D Amplifiera
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT560 Datasheet(HTML) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT560 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT560 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT560 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT560 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT560 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HT560
I2S Input Stereo Class D Amplifier
Copyright©2018, Jiaxing Heroic Technology Co., Ltd
-1-
7/2018 – V1.0
2*30W I2S Input Stereo Class D Amplifier
FEATURES
・
Power supply: 4.5V - 26V
・
Audio Performance
- Output Power (BTL)
2×25W (PVDD=16V, RL=4Ω, THD+N=1%)
2×30W (PVDD=24V, RL=8Ω, THD+N=1%)
- Output Power (PBTL)
60W (PVDD=24V, RL=4Ω, THD+N=1%)
21 W (PVDD=12V, RL=3Ω, THD+N=1%)
- THD+N
0.05% (PVDD=12V, RL=4Ω, Po=1W)
0.02% (PVDD=24V, RL=8Ω, Po=1W)
- Noise
75uV (Gain = 25.2dB, A weighted)
- Efficiency
91 % (PVDD=12V, RL=4Ω, Po=10W)
・
Audio I/O Configuration
- Single Stereo I2S Input
- BTL or PBTL output
- 32, 44.1, 48, 88.2, 96kHz Sample Rates
・
General Operational Features
- Selectable Hardware or I2C Control mode
- Integrated Digital Output Clipper and AGC
- Integrated Thermal Foldback Function
- Programmable I2C Address (110110x[R/W])
- Adjustable Switching Frequency for Class D
・
Robustness Features
- Clock Error, DC, and Short-Circuit Protection
- Overtemperature and Programmable
Overcurrent Protection
・
Packages
- Pb-free Packages, QFN36-PP
APPLICATIONS
・
Bluetooth/Wi-Fi Speakers ・Portable Speakers
・
Smart speakers
・
LCD TV/Monitor
・
Sound Bars, Docking stations, PC Audio
DESCRIPTION
The HT560 is a stereo Class D audio amplifier with
an I2S input serial port. It supports a variety of audio
clock configurations via two speed modes.
The outputs of the HT560 can be configured to
drive two speakers in stereo BTL mode or mono
PBTL mode.
The HT560 also includes hardware and I2C control
modes, integrated digital clipper, AGC, several gain
options, and a wide power supply operating range
to enable use in a multitude of applications.
An optimal mix of thermal performance and device
cost is provided in the 110-mΩ RDS(ON) of the output
MOSFETs. Additionally, a thermally enhanced
36-Pin QFN provides excellent operation in the
elevated ambient temperatures found in modern
consumer electronic devices.
TYPICAL APPLICATION
Audio Serial Port
LIM
HT560
PBTL
\SD
SLEEP/ADR
GAIN[1:0]
SFT_CLIP
OUTA+
OUTA-
BTL or PBTL mode Select
SPEAKER A
Filter
Filter
BSTRPA+
BSTRPA-
OUTB+
OUTB-
SPEAKER B
Filter
Filter
BSTRPB+
BSTRPB-
Audio
Source
and
Control
FREQ/SDA
PVDD
AVDD
Power Supply
4.5-26V
DVDD
Power Supply
3.3V
Gain Select
Power Limit Mode Select
Limiter Level Select


Similar Part No. - HT560

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HT561K CDE-HT561K Datasheet
201Kb / 2P
Ceramic Capacitors
logo
Holtek Semiconductor In...
HT56C668 HOLTEK-HT56C668 Datasheet
696Kb / 104P
TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56C668 HOLTEK-HT56C668_12 Datasheet
758Kb / 104P
TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56C678 HOLTEK-HT56C678 Datasheet
696Kb / 104P
TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56C678 HOLTEK-HT56C678_12 Datasheet
758Kb / 104P
TinyPowerTM A/D Type with LCD 8-Bit MCU
More results

Similar Description - HT560

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
TFA9812 PHILIPS-TFA9812 Datasheet
385Kb / 66P
BTL stereo Class-D audio amplifier with I2S input
Rev. 02-22 January 2009
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
TAS5760M General-Purpose I2S Input Class-D Amplifier
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
General-Purpose I2S Input Class-D Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com