Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885CZP133 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC885CZP133
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885CZP133 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC885CZP133 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
42
Freescale Semiconductor
Bus Signal Timing
Table 14 shows the reset timing for the MPC885/880.
Table 14. Reset Timing
Num
Characteristic
33 MHz
40 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
R69
CLKOUT to HRESET high
impedance
(MAX = 0.00
× B1 + 20.00)
—
20.00
—
20.00
—
20.00
—
20.00
ns
R70
CLKOUT to SRESET high
impedance
(MAX = 0.00
× B1 + 20.00)
—
20.00
—
20.00
—
20.00
—
20.00
ns
R71
RSTCONF pulse width
(MIN = 17.00
× B1)
515.20
—
425.00
—
257.60
—
212.50
—
ns
R72
—
————————
—
R73
Configuration data to HRESET
rising edge setup time
(MIN = 15.00
× B1 + 50.00)
504.50
—
425.00
—
277.30
—
237.50
—
ns
R74
Configuration data to RSTCONF
rising edge setup time
(MIN = 0.00
× B1 + 350.00)
350.00
—
350.00
—
350.00
—
350.00
—
ns
R75
Configuration data hold time after
RSTCONF negation
(MIN = 0.00
× B1 + 0.00)
0.00
—
0.00
—
0.00
—
0.00
—
ns
R76
Configuration data hold time after
HRESET negation
(MIN = 0.00
× B1 + 0.00)
0.00
—
0.00
—
0.00
—
0.00
—
ns
R77
HRESET and RSTCONF
asserted to data out drive
(MAX = 0.00
× B1 + 25.00)
—
25.00
—
25.00
—
25.00
—
25.00
ns
R78
RSTCONF negated to data out
high impedance
(MAX = 0.00
× B1 + 25.00)
—
25.00
—
25.00
—
25.00
—
25.00
ns
R79
CLKOUT of last rising edge
before chip three-states
HRESET to data out high
impedance
(MAX = 0.00
× B1 + 25.00)
—
25.00
—
25.00
—
25.00
—
25.00
ns
R80
DSDI, DSCK setup
(MIN = 3.00
× B1)
90.90
—
75.00
—
45.50
—
37.50
—
ns
R81
DSDI, DSCK hold time
(MIN = 0.00
× B1 + 0.00)
0.00
—
0.00
—
0.00
—
0.00
—
ns
R82
SRESET negated to CLKOUT
rising edge for DSDI and DSCK
sample (MIN = 8.00
× B1)
242.40
—
200.00
—
121.20
—
100.00
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com