Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885CZP133 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC885CZP133
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885CZP133 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC885CZP133 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
16
Freescale Semiconductor
Bus Signal Timing
Table 9 provides the timings for the MPC885/880 at 33-, 40-, 66-, and 80-MHz bus operation.
The timing for the MPC885/880 bus shown assumes a 50-pF load for maximum delays and a 0-pF load for minimum
delays. CLKOUT assumes a 100-pF load maximum delay.
Table 7. Frequency Ranges for Standard Part Frequencies (1:1 Bus Mode)
Part Frequency
66 MHz
80 MHz
Min
Max
Min
Max
Core frequency
40
66.67
40
80
Bus frequency
40
66.67
40
80
Table 8. Frequency Ranges for Standard Part Frequencies (2:1 Bus Mode)
Part Frequency
66 MHz
80 MHz
133 MHz
Min
Max
Min
Max
Min
Max
Core frequency
40
66.67
40
80
40
133
Bus frequency
20
33.33
20
40
20
66
Table 9. Bus Operation Timings
Num
Characteristic
33 MHz
40 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
B1
Bus period (CLKOUT), see Table 7
————————
ns
B1a
EXTCLK to CLKOUT phase skew - If
CLKOUT is an integer multiple of
EXTCLK, then the rising edge of EXTCLK
is aligned with the rising edge of CLKOUT.
For a non-integer multiple of EXTCLK, this
synchronization is lost, and the rising
edges of EXTCLK and CLKOUT have a
continuously varying phase skew.
–2
+2
–2
+2
–2
+2
–2
+2
ns
B1b
CLKOUT frequency jitter peak-to-peak
—
1
—
1
—
1
—
1
ns
B1c
Frequency jitter on EXTCLK
—
0.50
—
0.50
—
0.50
—
0.50
%
B1d
CLKOUT phase jitter peak-to-peak
for OSCLK
≥ 15 MHz
—4
—4
—4
—4
ns
CLKOUT phase jitter peak-to-peak
for OSCLK < 15 MHz
—5
–
5
—5
—5
ns
B2
CLKOUT pulse width low
(MIN = 0.4
× B1, MAX = 0.6 × B1)
12.1
18.2
10.0
15.0
6.1
9.1
5.0
7.5
ns
B3
CLKOUT pulse width high
(MIN = 0.4
× B1, MAX = 0.6 × B1)
12.1
18.2
10.0
15.0
6.1
9.1
5.0
7.5
ns
B4
CLKOUT rise time
—
4.00
—
4.00
—
4.00
—
4.00
ns
B5
CLKOUT fall time
—
4.00
—
4.00
—
4.00
—
4.00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com