Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885CZP133 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC885CZP133
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885CZP133 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC885CZP133 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 92Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
89
Freescale Semiconductor
Document Revision History
17 Document Revision History
Table 40 lists significant changes between revisions of this hardware specification.
Table 40. Document Revision History
Revision
Number
Date
Changes
0
02/2003
Initial revision.
0.1
04/2003
Added pinout and pinout assignments table. Added the USB timing to Section 14. Added
the Reduced MII to Section 15. Removed the Data Parity. Made some changes to the
Features list.
0.2
05/2003
Made the changes to the RMII Timing, Made sure all the VDDL, VDDH, and GND show up
on the pinout diagram. Changed the SPI Master Timing Specs. 162 and 164.
0.3
05/2003
Corrected the signals that had overlines on them.
0.4
5/2003
Changed the pin descriptions for PD8 and PD9.
0.5
5/2003
Changed some more typos, put in the phsel and phreq pins. Corrected the USB timing.
0.6
6/2003
Changed the pin descriptions per the June 22 spec.
0.7
7/2003
Added the RxClav and TxClav signals to PC15.
0.8
8/2003
Added the Reference to USB 2.0 to the Features list and removed 1.1 from USB on the
block diagrams.
0.9
8/2003
Changed the USB description to full-/low-speed compatible.
1.0
9/2003
Added the DSP information in the Features list
Fixed table formatting.
Nontechnical edits.
Released to the external web.
2.0
12/2003
Changed the maximum operating frequency to 133 MHz.
Put in the orderable part numbers that are orderable.
Put the timing in the 80 MHz column.
Rounded the timings to hundredths in the 80 MHz column.
Put the pin numbers in footnotes by the maximum currents in Table 6.
Changed 22 and 41 in the Timing.
Put in the Thermal numbers.
3.0
7/22/2004
• Added sentence to Spec B1A about EXTCLK and CLKOUT being in Alignment for
Integer Values
• Added a footnote to Spec 41 specifying that EDM = 1
• Added RMII1_EN under M1II_EN in Table 36 Pin Assignments
• Added a tablefootnote to Table 6 DC Electrical Specifications about meeting the VIL
Max of the I2C Standard
• Put the new part numbers in the Ordering Information Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com