Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC280 Datasheet(PDF) 4 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC280
Description  Smart Two-Phase DC Fan
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC280 Datasheet(HTML) 4 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC280 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Datasheet
November, 2013 Rev. 1.1
4/9
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Smart Two-Phase DC Fan
SDC280
Absolute Maximum Ratings (Note: Stresses greater than those listed under absolute maximum ratings may cause
permanent damage to the device.)
Parameters
Symbol
Value
Unit
Power supply
VDD
26
V
Magnetic field intensity
B
-
mT
Output current
Continuous
IOUT
350
mA
Hold
500
Peak
1000
Storage temperature
TS
-65 to 150
°C
Power dissipation
PD
550
mW
Maximum junction temperature
TJ
150
°C
ESD,HBM model per MIL-STD-883H Method 3015
HBM
2000
V
ESD,MM model per JEDEC EIA/JESD22-A115
MM
200
V
Latch-up per JEDEC78
-
200
mA
Table 2. Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Power supply
VDD
3.5
24
V
Operation temperature
Ta
-40
85
°C
Operating current (continuous), VDD=24V
IOUT
-
300
mA
Table 3. Recommended Operating Conditions
SDC
CONFIDENTIAL
DOCUMENT
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com