Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC280 Datasheet(PDF) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC280
Description  Smart Two-Phase DC Fan
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC280 Datasheet(HTML) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC280 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Datasheet
November, 2013 Rev. 1.1
1/9
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Smart Two-Phase DC Fan
SDC280
General Description
SDC280 is a CMOS integrated circuit which includes Hall
sensor and output drive circuits. It’s widely used in
various small two-phase fans and DC motors. The locked
protection and auto-restart function is integrated inside
the IC. Input offset voltage can be dynamically adjusted by
built-in chopper amplifier, greatly improving the magnetic
field sensitivity. It is built-in power reverse protection
function.
Features
High voltage CMOS technology
Peak output current up to 1A
Operating voltage range:3.5V~24V
Sustainable 350mA operating current
High sensitivity Hall sensor
Locked protection and auto-restart
Power reverse protection
Including protection diodes to clamp the output
Operating temperature: -40°C~85°C
Package: TO-94
Applications
Brushless DC fan motors
Brushless DC motors
Figure 1. Package Type
TO-94
SDC
CONFIDENTIAL
DOCUMENT
SDC
CONFIDENTIAL
DOCUMENT


Similar Part No. - SDC280

ManufacturerPart #DatasheetDescription
logo
Shaoxing Devechip Micro...
SDC281 SDC-SDC281 Datasheet
265Kb / 10P
Smart Two-Phase DC Fan Driver
SDC281Z4-E1 SDC-SDC281Z4-E1 Datasheet
265Kb / 10P
Smart Two-Phase DC Fan Driver
SDC281Z4-G1 SDC-SDC281Z4-G1 Datasheet
265Kb / 10P
Smart Two-Phase DC Fan Driver
SDC283 SDC-SDC283 Datasheet
233Kb / 9P
Two-Phase DC Fan Driver
SDC283Z4-E1 SDC-SDC283Z4-E1 Datasheet
233Kb / 9P
Two-Phase DC Fan Driver
More results

Similar Description - SDC280

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH2984 DIODES-AH2984 Datasheet
198Kb / 11P
TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
DS31698 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
Two Phase Dual-coil High Voltage Smart Fan Motor Driver
Rev 1
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
Rev 1
AH2985 DIODES-AH2985 Datasheet
455Kb / 8P
TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev erse
AH2984 DIODES-AH2984_13 Datasheet
353Kb / 10P
TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev erse
logo
Shaoxing Devechip Micro...
SDC211 SDC-SDC211 Datasheet
230Kb / 8P
Two-Phase DC Fan Driver with FG
SDC281 SDC-SDC281 Datasheet
265Kb / 10P
Smart Two-Phase DC Fan Driver
SDC283 SDC-SDC283 Datasheet
233Kb / 9P
Two-Phase DC Fan Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com