Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC280 Datasheet(PDF) 5 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC280
Description  Smart Two-Phase DC Fan
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC280 Datasheet(HTML) 5 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC280 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC280 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Datasheet
November, 2013 Rev. 1.1
5/9
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Smart Two-Phase DC Fan
SDC280
Electrical Characteristics (Ta=25°C, VDD=12V, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Power supply
VDD
-
3.5
12
24
V
Operating current
IDD
VDD=24V, output open
-
4.2
6.0
mA
Output clamp voltage
VOUT-CLAMP
-
50
57
-
V
Output saturation voltage
VSAT
VDD=12V, IO=300mA
-
0.35
0.5
V
Output leakage current
ILEAK
VDD=VDO/DOB= 12V
-
0.1
10
uA
Lock on time1
tON1
VDD>7V
-
300
-
ms
Lock off time1
tOFF1
VDD>7V
-
1.8
-
S
Lock on time2
tON2
VDD<5V
-
600
-
ms
Lock off time2
tOFF2
VDD<5V
-
3.6
-
S
Table 4. Electrical Characteristics
Magnetic Characteristics (Ta=25°C, VDD=12V, unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Operating point
BOP
10
25
40
GS
Release point
BRP
-40
25
-10
GS
Hysteresis
BHys
40
50
60
GS
Table 5. Magnetic Characteristics
Off-state
On-state
BH
BRP
BOP
0
VDO
N
S
BH
BRP
BOP
0
VDOB
Off-state
On-state
N
S
Figure 4. Magnetic Characteristics
SDC
CONFIDENTIAL
DOCUMENT
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com