Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8697 Datasheet(PDF) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8697
Description  9.5W anti-shaving double channel AB/D class audio power amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8697 Datasheet(HTML) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8697 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8697 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT8697 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HT8697
双声道音频功放
版权所有
©2016, 嘉兴禾润电子科技有限公司
-1-
7/2016 – V2.0
9.5W防削顶双声道AB/D类音频功率放大器
特点
・防削顶失真功能
(Anti-Clipping Function, ACF)
・免滤波器数字调制,直接驱动扬声器
・输出功率
2×9.5W@ Class D, 2×9.0W@Class AB
(VDD=8.5V, RL=4Ω, THD+N=10%,)
2×6.7W@ Class D or Class AB
(VDD=7.2V, RL=4Ω, THD+N=10%)
・过流保护功能
・过热保护功能
・欠压异常保护功能
・无铅无卤封装,
TSSOP20L-PP
应用
・蓝牙音箱
・便携式音箱
・
2.1声道小音箱
・扩音器
・
iphone/ipod/ipod docking
・拉杆音箱
・平板电脑,笔记本电脑
・便携式游戏机
・小尺寸
LCD电视/监视器
・
MP4, 导航仪
概述
HT8697是一款具有防削顶失真功能的,双声道
免 滤 波
D 类 音 频 功 率 放 大 器 。 在 VDD=8.5V 、
THD+N=10%、4Ω负载条件下,能连续输出2×9.5W
功率。在
AB类模式下,在VDD=8.5V、THD+N=10%、
4Ω负载下,能瞬间输出2×9.0W功率。
HT8697具有防削顶失真(ACF)输出控制功能,
可检测并抑制由于输入音乐、语音信号幅度过大所引
起的输出信号削顶失真(破音),显著提高音质,创
造舒适听音享受,并保护扬声器免受过载损坏。同时
芯片也具有
ACF-Off 模式可配置。
HT8697内部集成免滤波器数字调制技术,能够
直接驱动扬声器,并最大程度减小脉冲输出信号的失
真和噪音。输出无需滤波网络,极少的外部元器件节
省了系统空间和成本,是便携式应用的理想选择。
HT8697可实现AB类和D类的自由切换功能,在
受到
D类功放EMI干扰困扰时,可随时切换至AB类音
频功放模式。
此外,
HT8697内置的关断功能使待机电流最小
化,还集成了输出端过流保护、片内过温保护和电源
欠压异常保护等功能。
典型应用图


Similar Part No. - HT8697

ManufacturerPart #DatasheetDescription
logo
Jiaxing Heroic Technolo...
HT8691 HEROIC-HT8691 Datasheet
99Kb / 2P
7.0WD/AB class audio power amplifier with built-in BOOST boost and anti-break function
HT8691 HEROIC-HT8691 Datasheet
976Kb / 15P
5.5W Anti-Clipping Mono Class D Audio Amplifier with Boost Converter
11/2016 - V0.1
HT8691SP HEROIC-HT8691SP Datasheet
99Kb / 2P
7.0WD/AB class audio power amplifier with built-in BOOST boost and anti-break function
HT8691SP HEROIC-HT8691SP Datasheet
976Kb / 15P
5.5W Anti-Clipping Mono Class D Audio Amplifier with Boost Converter
11/2016 - V0.1
HT8691 HEROIC-HT8691_V01 Datasheet
976Kb / 15P
5.5W Anti-Clipping Mono Class D Audio Amplifier with Boost Converter
11/2016 - V0.1
More results

Similar Description - HT8697

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
Three-Channel Class AB Audio Power Amplifier IC
logo
Shenzhenshi YONGFUKANG ...
HT6845 YONGFUKANG-HT6845 Datasheet
738Kb / 12P
3.4W low EMI anti-shaving top mono filter-free class D audio power amplifier
logo
Jiaxing Heroic Technolo...
HT6828 HEROIC-HT6828 Datasheet
174Kb / 3P
4.7W anti-shaving double channel D class audio power amplifier
HT8696 HEROIC-HT8696 Datasheet
173Kb / 3P
9.5W anti-sharpening dual channel Class D audio power amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
AB/D class switching audio power amplifier
HT6871 YONGFUKANG-HT6871 Datasheet
743Kb / 14P
3W low EMI anti-shaving top mono filterless class D audio power amplifier
HT8696 YONGFUKANG-HT8696 Datasheet
666Kb / 11P
10W anti-shaving top dual channel class D audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM8410 HMSEMI-HM8410 Datasheet
1Mb / 14P
9.5W anti-cut top dual-channel class D audio power amplifier
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
Class AB Audio Amplifier
2014 V1.1
logo
Shenzhen Naxinwei Techn...
NS4159 NSIWAY-NS4159 Datasheet
335Kb / 15P
Class AB/D dual-mode, anti-distortion, 5.5W mono audio amplifier
V1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com