Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP82 Datasheet(PDF) 10 Page - Billiton Ltd.

Part # TP82
Description  LDO linear stabilizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP82 Datasheet(HTML) 10 Page - Billiton Ltd.

Back Button TP82 Datasheet HTML 2Page - Billiton Ltd. TP82 Datasheet HTML 3Page - Billiton Ltd. TP82 Datasheet HTML 4Page - Billiton Ltd. TP82 Datasheet HTML 5Page - Billiton Ltd. TP82 Datasheet HTML 6Page - Billiton Ltd. TP82 Datasheet HTML 7Page - Billiton Ltd. TP82 Datasheet HTML 8Page - Billiton Ltd. TP82 Datasheet HTML 9Page - Billiton Ltd. TP82 Datasheet HTML 10Page - Billiton Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
南京拓微集成电路有限公司
10
Symbol
Symbol
Symbol
Symbol
Dimensions
Dimensions
Dimensions
Dimensions In
In
In
In Millimeters
Millimeters
Millimeters
Millimeters
Dimensions
Dimensions
Dimensions
Dimensions In
In
In
In Inches
Inches
Inches
Inches
Min
Min
Min
Min
Max
Max
Max
Max
Min
Min
Min
Min
Max
Max
Max
Max
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.150
0.350
0.006
0.014
c
0.080
0.150
0.003
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
0.650 TYP
0.026 TYP
e1
1.200
1.400
0.047
0.055
L
0.525 REF
0.021 REF
L1
0.260
0.460
0.010
0.018
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com