Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP82 Datasheet(PDF) 3 Page - Billiton Ltd.

Part # TP82
Description  LDO linear stabilizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP82 Datasheet(HTML) 3 Page - Billiton Ltd.

  TP82 Datasheet HTML 1Page - Billiton Ltd. TP82 Datasheet HTML 2Page - Billiton Ltd. TP82 Datasheet HTML 3Page - Billiton Ltd. TP82 Datasheet HTML 4Page - Billiton Ltd. TP82 Datasheet HTML 5Page - Billiton Ltd. TP82 Datasheet HTML 6Page - Billiton Ltd. TP82 Datasheet HTML 7Page - Billiton Ltd. TP82 Datasheet HTML 8Page - Billiton Ltd. TP82 Datasheet HTML 9Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
南京拓微集成电路有限公司
3
电特性
电特性
电特性
电特性
参数
条件
最小
典型
最大
单位
Output Voltage
Precision
I
OUT = 10 mA
1.25
- 1.5
5.2
1.5
V
%
输入电压
2.2
5.5
V
静态电流
2.2V≤V
IN≤5.5V
50
μA
关断电流
EN=GND, V
IN=5V
0.02
0.1
μA
Dropout Voltage
V
IN - VOUT
I
OUT=150mA
Vout≤1.8V
I
OUT=150mA
Vout≥2.8V
250
150
mV
mV
Overload Limited
V
OUT = 0V
300
mA
线性调节
3V≤V
IN≤5V,IOUT=0mA
4
mV
负载调节
0mA≤I
OUT≤100mA
30
mV
Ripple Rejection
I
OUT = 100 mA,f= 1 kHz
50
dB
V
OUT 温度系数
I
OUT = 1 mA
100
ppm/℃
热停机
160
℃
EN 端高电压
Ta=25℃
1.6
VIN
V
-40℃≦Ta≦80℃
1.7
VIN
EN 端低电压
Ta=25℃
0.25
V
-40℃≦Ta≦80℃
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com