Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP82 Datasheet(PDF) 4 Page - Billiton Ltd.

Part # TP82
Description  LDO linear stabilizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP82 Datasheet(HTML) 4 Page - Billiton Ltd.

  TP82 Datasheet HTML 1Page - Billiton Ltd. TP82 Datasheet HTML 2Page - Billiton Ltd. TP82 Datasheet HTML 3Page - Billiton Ltd. TP82 Datasheet HTML 4Page - Billiton Ltd. TP82 Datasheet HTML 5Page - Billiton Ltd. TP82 Datasheet HTML 6Page - Billiton Ltd. TP82 Datasheet HTML 7Page - Billiton Ltd. TP82 Datasheet HTML 8Page - Billiton Ltd. TP82 Datasheet HTML 9Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
南京拓微集成电路有限公司
4
典型特性
典型特性
典型特性
典型特性
1.740
1.750
1.760
1.770
1.780
1.790
1.800
1.810
0mA
50mA
100mA
150mA
Load Current
Load Current
Load Current
Load Current
5V
3.5V
输出电压与负载电流关系曲线 (VOUT=1.8V)
输出电压与负载电流关系曲线(VOUT=2.8V)
0mA
50mA
100mA
1.740
1.760
1.780
1.800
1.820
3.5V
5V
InputVoltage
InputVoltage
InputVoltage
InputVoltage
输出电压与输入电压关系曲线 (V
OUT=1.8V)
输出电压与输入电压关系曲线 (V
OUT=2.8V)
5V
3.5V
2.660
2.680
2.700
2.720
2.740
2.760
2.780
2.800
2.820
0mA
50mA
100mA
150mA
Load Current
Load Current
Load Current
Load Current
0mA
50mA
100mA
150mA
2.700
2.720
2.740
2.760
2.780
2.800
2.820
3.5V
5V
InputVoltage
InputVoltage
InputVoltage
InputVoltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com