Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNM3003 Datasheet(PDF) 3 Page - Will Semiconductor Ltd.

Part # WNM3003
Description  N-Channel, 30V, 4.0A, Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNM3003 Datasheet(HTML) 3 Page - Will Semiconductor Ltd.

  WNM3003 Datasheet HTML 1Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 2Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 3Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 4Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 5Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 6Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WNM3003
Electronics Characteristics (Ta=25
oC, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250uA
30
V
Zero Gate Voltage Drain Current
IDSS
VDS =24 V, VGS
Gate-to-source Leakage Current
IGSS
VDS = 0 V, VGS = ±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250uA
1.0
1.6
3.0
V
VGS = 10V, ID = 3.1A
VGS = 10V, ID = 2.5A
Drain-to-source On-resistance
RDS(on)
VGS = 4.5V, ID = 2.0A
m
Forward Transconductance
gFS
VDS = 4.5V, ID = 2.8A
5.8
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
570
Output Capacitance
COSS
72
Reverse Transfer Capacitance
CRSS
VGS = 0 V, f = 1.0 MHz, VDS =
15 V
64
pF
Total Gate Charge
QG(TOT)
11.6
Threshold Gate Charge
QG(TH)
0.8
Gate-to-Source Charge
QGS
1.25
Gate-to-Drain Charge
QGD
VGS =10 V, VDS =15 V,
ID = 3.1A
3.0
nC
SWITCHING CHARACTERISTICS
Turn-On Delay Time
td(ON)
5
Rise Time
tr
3.3
Turn-Off Delay Time
td(OFF)
39
Fall Time
tf
VGS = 10 V, VDS = 15 V,
ID=1A, RG=6
4.4
ns
BODY DIODE CHARACTERISTICS
Forward Voltage
VSD
VGS = 0 V, IS = 1.5A
0.50
0.84
1.50
V
Will Semiconductor Ltd.
3
2011 - Rev.1.1
= 0V
1
uA
33
47
33
47
43
59
Dec,



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com