Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNM3003 Datasheet(PDF) 2 Page - Will Semiconductor Ltd.

Part # WNM3003
Description  N-Channel, 30V, 4.0A, Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNM3003 Datasheet(HTML) 2 Page - Will Semiconductor Ltd.

  WNM3003 Datasheet HTML 1Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 2Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 3Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 4Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 5Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 6Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
WNM3003
Absolute Maximum ratings
Parameter
Symbol
10 S
Steady State
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
±20
V
TA=25°C
4.0
3.7
Continuous Drain Current
a
TA=70°C
ID
3.2
3.0
A
TA=25°C
0.8
0.7
Maximum Power Dissipation
a
TA=70°C
PD
0.5
0.4
W
TA=25°C
3.7
3.4
Continuous Drain Current
b
TA=70°C
ID
2.9
2.7
A
TA=25°C
0.7
0.6
Maximum Power Dissipation
b
TA=70°C
PD
0.4
0.3
W
Pulsed Drain Current
c
IDM
10
A
Operating Junction Temperature
TJ
150
°C
Lead Temperature
TL
260
°C
Storage Temperature Range
Tstg
-55 to 150
°C
Thermal resistance ratings
Parameter
Symbol
Typical
Maximum
Unit
t
10 s
120
145
Junction-to-Ambient Thermal Resistance
a
Steady State
R JA
132
168
t
10 s
145
174
Junction-to-Ambient Thermal Resistance
b
Steady State
R JA
158
202
Junction-to-Case Thermal Resistance
Steady State
R JC
60
75
°C/W
a
Surface mounted on FR4 Board using 1 square inch pad size, 1oz copper
b
Surface mounted on FR4 board using minimum pad size, 1oz copper
c
Repetitive rating, pulse width limited by junction temperature, tp=10μs, Duty Cycle=1%
d
Repetitive rating, pulse width limited by junction temperature TJ=150°C.
Will Semiconductor Ltd.
2
2011 - Rev.1.1
Dec,



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com