Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNM3003 Datasheet(PDF) 5 Page - Will Semiconductor Ltd.

Part # WNM3003
Description  N-Channel, 30V, 4.0A, Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNM3003 Datasheet(HTML) 5 Page - Will Semiconductor Ltd.

  WNM3003 Datasheet HTML 1Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 2Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 3Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 4Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 5Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 6Page - Will Semiconductor Ltd. WNM3003 Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WNM3003
Capacitance
Body diode forward voltage
Gate Charge Characteristics
0369
12
15
0
2
4
6
8
10
12
14
Q
g
(nC)
V
DS
=15V,I
D
=3.1A
Single pulse power
0.01
0
1
10
12
4
6
100
600
0.1
Time (sec)
2
8
10
TA = 25_C
Safe operating area
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
100 ms
Limited by RDS(on)
BVDSS Limited
1ms
100 μs
10 ms
1s,10s
DC
VDS - Drain-to-Source Voltage (V)
0
4
8
12
16
20
0
200
400
600
800
1000
0.00.20.40.60.8
1.0
1.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
GS
=0,f=1MHZ
V
DS
Drain-to-Source Voltage (V)
C
iss
V
sd
-Source-to-Drain Voltage(V)
C
oss
25
0C
C
rss
150
0C
Will Semiconductor Ltd.
5
2011 - Rev.1.1
Dec,



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com