Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFG0612-FX-R005ELF Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CFG0612-FX-R005ELF
Description  Metal Foil, Wide Terminal Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFG0612-FX-R005ELF Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CFG0612-FX-R005ELF Datasheet HTML 1Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 2Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 3Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 4Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3312 - 2 mm SMD Trimming Potentiometer
CFG Series Metal Foil, Wide Terminal Current Sense Resistor
Packaging Dimensions (Conforms to EIA RS-481A)
REV.04/19
DIRECTION OF UNREELING
2.00 ± 0.15
(.079 ± .006)
1.05 ± 0.10
(.041 ± .004)
Top Tape
Bottom Tape
4.00 ± 0.10
(.157 ± .004)
2.00 ± 0.10
(.079 ± .004)
3.60 ± 0.20
(.142 ± .008)
8.00 ± 0.20
(.315 ± .008)
3.50 ± 0.05
(.138 ± .002)
1.75 ± 0.10
(.069 ± .004)
1.55 ± 0.10
(.061 ± .004)
4.00 ± 0.10
(.157 ± .004)
DIA.
Resistor
Paper Tape
9.0 ± 1.0
(.354 ± .039)
60.0 ± 1.0
(2.362 ± .039)
DIA.
DIA.
DIA.
11.4 ± 1.0
(.449 ± .039)
178 ± 2.0
(7.008 ± .079)
13.0 ± 1.0
(.512 ± .039)
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com