Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFG0612-FX-R005ELF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CFG0612-FX-R005ELF
Description  Metal Foil, Wide Terminal Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFG0612-FX-R005ELF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CFG0612-FX-R005ELF Datasheet HTML 1Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 2Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 3Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 4Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CFG 0612 - F X - R005 E LF
Model
CFG = Metal Foil, Wide Terminal Current Sense Resistor
Size
0612 = 0612 Size
Resistance Tolerance
F = ±1 %
TCR
X = ±100 PPM/°C
Resistance Code – (See Popular Resistance Table)
“R” (decimal point) followed by three significant digits (example: R005 = 0.005 ohms)
Packaging
E = Tape and Reel
4,000 pcs. / 7-inch reel, paper tape
Termination
LF = Tin-plated (RoHS Compliant)
How to Order
CFG Series Metal Foil, Wide Terminal Current Sense Resistor
Solder Reflow Recommendations
TP
TP
tp
ts
T TO
RAMP-UP
L
TL
t L
T MAX.
S
T MIN.
25 °C
PREHEAT
S
Time
CRITICAL ZONE
RAMP-DOWN
8 MINUTES MAX.
t 25 *C TO PEAK
Solder Profile
Lead Free Assembly
Average ramp-up rate
(Tsmax to Tp)
3 °C / second max.
Preheat:
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time (Tsmin to Tsmax) (ts)
150 °C
200 °C
60~150 seconds
Time maintained above:
- Temperature (TL)
- Time (TL)
217 °C
60~120 seconds
Peak Temperature (Tp)
260 °C
Time within +0/-5 °C of actual
Peak Temperature (Tp)2
10 seconds
Ramp-down rate
6 °C / second max.
Time 25 °C to Peak
Temperature
8 minutes max.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com