Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFG0612-FX-R005ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CFG0612-FX-R005ELF
Description  Metal Foil, Wide Terminal Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFG0612-FX-R005ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CFG0612-FX-R005ELF Datasheet HTML 1Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 2Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 3Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 4Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Wideterminaltype
n
Excellentheatdissipation
n
Highreliability
n
Metalfoil
n
RoHScompliant*andhalogenfree**
Applications
n
Currentsensing
n
Powersupplies
n
Steppermotordrives
n
Inputamplifiers
CFG Series Metal Foil, Wide Terminal Current Sense Resistor
Electrical Characteristics
Note: 1 watt with total solder pad and trace size of 300 mm2
Characteristic
CFG0612
Power Rating @ 70 °C
1 W
Resistance Value
5 mΩ, 10 mΩ
Operation Temperature Range
-55 ℃ ~ +155 ℃
Temperature Coefficient of Resistance
±100 ppm/°C
Tolerance
±1 %
Insulation Resistance
Over 100 MΩ
Maximum Working Voltage (V)
(P*R)1/2
Reliability Tests
Test Items
Reference Standard
Condition of Test
Test Limits
Temperature Coefficient
of Resistance
IEC60115-1-4.8
JIS-C5201-4.8
+25 °C ~ +125 °C
Load Life
IEC60115-1-4.25.1
JIS-C5201-4.25.1
1000 hours at rated power, 70 ℃,
1.5 hours “ON”, 0.5 hour “OFF”
< ±2 %
Short Time Overload
IEC60115-1-4.13
JIS-C5201-4.13
5 X rated power for 5 s
< ±1 %
Moisture no Load
IEC60115-1- 4.24.2.1a)
JIS-C5201- 4.24.2.1a)
85 ℃, 85 %RH, 1000 hrs
< ±2 %
Temperature Cycle
IEC60115-1-4.19
JIS-C5201-4.19
-55 ℃ & +125 ℃, 100 cycle,
15 min per extreme condition
< ±1 %
Resistance to
Soldering Heat
IEC60115-1-4.18
JIS-C5201-4.18
260 ±5 ℃ for 10 ±1 sec
< ±1 %
Solderability
IEC60115-1-4.17
JIS-C5201-4.17
245 ±5 ℃, 2 ±0.5 sec
At least 95 % of surface area
of electrode shall be covered
with new solder
High Temperature
Exposure
IEC60115-1- 4.23.2
JIS-C5201-4.23.2
155 ℃, 1000 hrs
< ±2 %
Low Temperature
Storage
EC60115-1- 4.23.4
JIS-C5201-4.23.4
-55 ℃, 1000 hrs
< ±2 %
Substrate Bending
IEC60115-1-4.33
JIS-C5201-4.33
Bending width 2 mm
< ±1 %
Insulation Resistance
IEC60115-1-4.6
JIS-C5201-4.6
100 V DC for 1 minute
>100 MΩ
Derating Curve
100
80
60
40
20
0
-55
0
70
155
Ambient Temperature (°C)
* RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov


Similar Part No. - CFG0612-FX-R005ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CFG0612-FX-R005ELF BOURNS-CFG0612-FX-R005ELF Datasheet
580Kb / 5P
CFG Series Metal Foil, Wide Terminal Current Sense Resistor
More results

Similar Description - CFG0612-FX-R005ELF

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
FCSL64R005JER OHMITE-FCSL64R005JER Datasheet
184Kb / 1P
Metal Foil Current Sense
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
METAL FOIL CURRENT SENSE RESISTORS
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
Metal plate current sense resistor
logo
Ohmite Mfg. Co.
FCSL64R002GER OHMITE-FCSL64R002GER Datasheet
241Kb / 3P
Metal Foil Current Sense
FCSL OHMITE-FCSL Datasheet
526Kb / 2P
Metal Foil Current Sense
FCSL OHMITE-FCSL_18 Datasheet
581Kb / 2P
Metal Foil Current Sense
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
CRK BOURNS-CRK Datasheet
565Kb / 5P
Metal Strip, Wide Terminal Current Sense Resistor
CFG0612 BOURNS-CFG0612 Datasheet
580Kb / 5P
CFG Series Metal Foil, Wide Terminal Current Sense Resistor
CFN0402 BOURNS-CFN0402 Datasheet
604Kb / 6P
CFN Series Metal Foil, Current Sense Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com