Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP411ACEZ-R0 Datasheet(PDF) 7 Page - TDK Electronics

Part # INMP411ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP411ACEZ-R0 Datasheet(HTML) 7 Page - TDK Electronics

Back Button INMP411ACEZ-R0 Datasheet HTML 3Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 4Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 5Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 9Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 10Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
INMP411
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Frequency Response Mask
Figure 4. Typical Frequency Response (Measured)
Figure 5. THD+N vs. Input Level
Figure 6. Linearity
20
15
10
5
0
–10
–5
10
100
1k
10k
20k
FREQUENCY (Hz)
15
–15
–10
–5
0
5
10
10
10k
FREQUENCY (Hz)
1k
100
0.1
1
10
90
140
130
120
110
100
AMPLITUDE (dB SPL)
–60
–50
–40
–30
–20
–10
0
90
140
130
120
110
100
INPUT AMPLITUDE (dB SPL)
0
–80
100
10k
FREQUENCY (Hz)
1k
–10
–20
–30
–40
–50
–60
–70
1.2
0
0.2
0.4
0.6
0.8
1.0
0
1.0
0.8
0.6
0.4
0.2
TIME (ms)
128dB SPL
130dB SPL
132dB SPL
134dB SPL
136dB SPL
138dB SPL
140dB SPL
Figure 7. Typical Power Supply Rejection Ratio vs. Frequency
Figure 8. Clipping Characteristics
Page 7 of 14
Document Number: DS-INMP411-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com