Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP411ACEZ-R0 Datasheet(PDF) 1 Page - TDK Electronics

Part # INMP411ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP411ACEZ-R0 Datasheet(HTML) 1 Page - TDK Electronics

  INMP411ACEZ-R0 Datasheet HTML 1Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 2Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 3Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 4Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 5Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
INMP411
Omnidirectional Microphone with Bottom Port and Analog Output
GENERAL DESCRIPTION
The INMP411* is a high performance, high SPL, low noise, low
power, analog output bottom ported, omnidirectional MEMS
microphone. The INMP411 consists of a MEMS microphone
element and an impedance converter amplifier. The INMP411
sensitivity specification makes it an excellent choice for near-
field applications. The INMP411 is pin compatible with the
INMP401 microphone, providing an easy upgrade path.
The INMP411 has a linear response up to 131 dB SPL. It offers
high SNR and extended wideband frequency response
resulting in natural sound with high intelligibility. Low current
consumption enables long battery life for portable
applications.
The INMP411 is available in a 4.72 × 3.76 × 1.0 mm surface-
mount package. It is reflow solder compatible with no
sensitivity degradation.
*Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897.
Other patents are pending.
APPLICATIONS
•
Fire and Safety Radios
•
Safety Masks
•
Tablet Computers
•
Teleconferencing Systems
•
Studio Microphones
•
Security and Surveillance
FEATURES
•
4.72 × 3.76 × 1.0 mm Surface-Mount Package
•
High 131 dB SPL Acoustic Overload Point
•
Sensitivity of −46 dBV
•
±2 dB Sensitivity Tolerance
•
Omnidirectional Response
•
High SNR of 62 dBA
•
Extended Frequency Response from 28 Hz to 20 kHz
•
Low Current Consumption: <250 µA
•
Single-Ended Analog Output
•
High PSR of −80 dBV
•
Compatible with Sn/Pb and Pb-Free Solder Processes
•
RoHS/WEEE Compliant
ORDERING INFORMATION
PART
TEMP RANGE
INMP411ACEZ-R0*
−40°C to +85°C
INMP411ACEZ-R7†
−40°C to +85°C
EV_INMP411-FX
—
* – 13” Tape and Reel
† – 7” Tape and reel to be discontinued. Check with sales@invensense.com
for availability.
FUNCTIONAL BLOCK DIAGRAM
OUTPUT
AMPLIFIER
INMP411
POWER
VDD GND
OUTPUT
InvenSense reserves the right to change the detail
specifications as may be required to permit
improvements in the design of its products.
InvenSense Inc.
1745 Technology Drive, San Jose, CA 95110 U.S.A
+1(408) 988–7339
www.invensense.com
Document Number: DS-INMP411-00
Revision: 1.0.
Rev Date: 02/06/2014


Similar Part No. - INMP411ACEZ-R0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
INMP411 TDK-INMP411 Datasheet
173Kb / 2P
Analog Output MEMS Microphone Flex Evaluation Board User Guide
More results

Similar Description - INMP411ACEZ-R0

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP401-1 AD-ADMP401-1 Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP404 AD-ADMP404 Datasheet
370Kb / 12P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP441_1209 AD-ADMP441_1209 Datasheet
397Kb / 16P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
logo
TDK Electronics
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com