Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP411ACEZ-R0 Datasheet(PDF) 13 Page - TDK Electronics

Part # INMP411ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP411ACEZ-R0 Datasheet(HTML) 13 Page - TDK Electronics

Back Button INMP411ACEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 9Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 10Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 11Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 12Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 13Page - TDK Electronics INMP411ACEZ-R0 Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
INMP411
ORDERING GUIDE
PART
TEMP RANGE
PACKAGE
QUANTITY
INMP411ACEZ-R01*
−40°C to +85°C 6-Terminal LGA_CAV
4,500
INMP411ACEZ-R71 †
−40°C to +85°C 6-Terminal LGA_CAV
1,000
EV_INMP411-FX
—
Flex Evaluation Board
—
* – 13” Tape and Reel
† – 7” Tape and Reel to be discontinued. Contact sales@invensense.com for availability.
1Z = RoHS-Compliant Part
REVISION HISTORY
REVISION DATE
REVISION
DESCRIPTION
02/06/2014
1.0
Initial Release
Page 13 of 14
Document Number: DS-INMP411-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com